PART |
Description |
Maker |
IPD33CN10NG |
N-channel, normal level
|
Infineon Technologies A...
|
IPB027N10N5 |
N-channel, normal level
|
Infineon Technologies A...
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
IPB049N08N5 |
N-channel, normal leve
|
Infineon Technologies A...
|
ADG3231BRJ ADG3231BRJ-REEL ADG3231BRJ-REEL7 ADG323 |
Analog Devices Single-Channel Level Translator with Bi-directional 1.65 V to 3.6 V Level Shift Low Voltage, Single-Channel Level Translator
|
Analog Devices
|
034-1037 |
HD-BNC STR PLUG FOR BI855 ENH/DRAKA 0.6 / 2.8 AF
|
Amphenol Corporation
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
MAX3008EBP-T MAX3003EBP-T MAX3003ETP MAX3003EUP MA |
SPECIALTY INTERFACE CIRCUIT, QCC20 1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 卤15kV ESD-Protected, 0.1渭A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 隆戮15kV ESD-Protected, 0.1楼矛A, 35Mbps, 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC
|
PHD22NQ20T-01 PHD22NQ20T |
N-channel TrenchMOS standard level FET N-channel TrenchMOS standard level FET 21.1 A, 200 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-channel TrenchMOS?? standard level FET N-channel Trenchmos (tm) standard level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PHP160NQ08T PHB160NQ08T |
CAP 0.1UF 100V 10% X7R AXIAL TR-14 75 A, 75 V, 0.0056 ohm, N-CHANNEL, Si, POWER, MOSFET N-channel TrenchMOS standard level FET N-channel Trenchmos (tm) standard level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
|