PART |
Description |
Maker |
EFM32TG110F32-QFN24 EFM32TG110F4-QFN24 EFM32TG110F |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32LG360F128G-E-CSP81 |
Output state retention and wake-up from Shutoff Mode Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32HG321 EFM32HG321F32G-A-QFP48 |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32HG309F32G-A-QFN24 |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
U74AHC1G126G-AL5-R U74AHC1G126L-AL5-R |
The U74AHC1G126 is a single bus buffer gate/line driver with 3-state output. When OE is low, the Y output are in a high-impedance state.
|
Unisonic Technologies
|
NC7SZ125M5 NC7SZ125M5X NC7SZ125P5X NC7SZ125 NC7SZ1 |
TinyLogic UHS Buffer with 3-STATE Output LVC/LCX/Z SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO5 TinyLogic UHS Buffer with 3-STATE Output TinyLogic UHS Buffer with 3-STATE Output
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
AQV255 AQV258AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
CSD2475G CSE2410 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:15VDC; Load Current Max:10A; Switching:Zero Cross; Output Current:10A; Output Type:SCR
|
CRYDOM CORP
|
5962F9671501VCC 5962F9671501VXC ACTS125MS ACTS125H |
Radiation Hardened Quad Buffer/ Three-State Radiation Hardened Quad Buffer Three-State From old datasheet system Radiation Hardened Quad Buffer, Three-State 辐射加固四缓冲,三 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 辐射加固四缓冲,三
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|