PART |
Description |
Maker |
SPC-03-ELR-43CDFM SPC-03-ELR-55CDFM SPC-03-ELR-51C |
FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1558nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1525-1538nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1445-1458nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE
|
Infineon Technologies AG SPC Technology
|
MPX10GP MPX10GVP MPX10 MPX10D MPX10DP MPX10GS MPX1 |
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) 00千帕-1.45 PSI)的35压全尺寸跨度(典型) 0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-1.45Psi, 1%, 20-80mV, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
SPC-MR-EIR-1271-CNA SPC-MR-EIR-1291-CNA SPC-MR-EIR |
FIBER OPTIC TRANSCEIVER, 1265-1278nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1285-1298nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1325-1338nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1345-1358nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1305-1318nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1525-1538nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
|
SC26C198 SC26C198A1A SC26C198C1A SC26L198C1A SC26L |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 50 psi, Gage, flush mount with flange, 10 Vdc excitation 8 CHANNEL(S), 500K bps, SERIAL COMM CONTROLLER, PQCC84 Octal UART with TTL compatibility at 3.3V and 5V supply voltages
|
NXP Semiconductors N.V.
|
HSDL-3601 HSDL-3601_007 HSDL-3601_008 HSDL-3601_01 |
IrDA Compliant 4 Mb/s 5 V Infrared Transceiver HSDL-3601 · IrDA 1.1 Data Compliant 4Mb/s 5V Infrared Transceiver (Not Recommended for New Designs)
|
Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
LTC1177CSW-12 LTC1177ISW-12 LTC1177-12 LTC1177-5 L |
Isolated MOSFET Drivers From old datasheet system Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 5 psi, Gage, flush mount, 10 Vdc excitation
|
LINER[Linear Technology] Linear Technology Corporation
|
MPX4115ASX MPX4115 MPX4115A MPX4115AP MPX4115AS |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.17-16.67Psi, 1.5%, 0.20-4.80V, THROUGH HOLE MOUNT OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output 经营概况集成压力传感515kPa.186.7 PSI)的0.2.8伏特输出
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] http://
|
AD1877JR AD1877 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Absolute, Cell with body o-ring, 10 Vdc excitation 2-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 Single-Supply 16-Bit Stereo ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
ASDL-3007 ASDL-3007-021 |
IrDA Data Compliant Low Power 115.2Kbit/s with Remote Control Infrared Transceiver FIBER OPTIC TRANSCEIVER, 0.009Mbps(Tx), 0.009Mbps(Rx), SURFACE MOUNT Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
|
Lite-On Technology, Corp. AVAGO TECHNOLOGIES LIMITED
|
|