PART |
Description |
Maker |
1694A0085000 |
RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
|
List of Unclassifed Man...
|
9116009500 9116010500 9116009U1000 91160091000 |
Series 6, 18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
|
List of Unclassifed Man...
|
10A02 10A01 10A07 10A03 10A04 10A05 10A06 |
10 Amp Rectifier 50 to 1000 Volts Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Thermoplastic; Jacket Color:Natural; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Natural; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Conductor Material:Copper; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
C5044.41.01 C50444101 |
C5044, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
|
General Cable Technologies Corporation
|
C3520.41.86 C35204186 |
C3520, Coaxial Cable, RG62/U Type, Plenum, Gauge Size 22 AWG Solid Copper Clad Steel
|
General Cable Technologies Corporation
|
12IMR25-051515-2 12IMR40-051515-2 24IMR25-051515-2 |
25...40WattDC-DCConverters 1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:90 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Natural RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.3pF/ft; Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes 25...40 Watt DC-DC Converters
|
Power-One, Inc. POWER-ONE[Power-One]
|
SD-47594-001 SD-47594-002 |
1.016mm (.040) by 1.016mm (.040) Pitch LGA 1366 Server CPU Socket, 0.76um (30u) Gold(Au) Plating
|
Molex Electronics Ltd.
|
1E-11PT-15.5 1E-16PT-25.5 1E-4PT-2.4 1E-5PT-4.8 1E |
FO CERAMIC 62.5 PVC SC-LC 2M PATCH Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes FO CERAMIC 62.5 PVC LC-MT 2M PATCH FO CERAMIC 62.5 PVC SC-LC 2M PATCH 首页额定电压互感器保险丝 FO CERAMIC 62.5 PVC SC-MT 2M PATCH 首页额定电压互感器保险丝 E Rated Potential Transformer Fuses 首页额定电压互感器保险丝 FO CERAMIC 62.5 PVC SC-MT 2M PATCH
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
PC3SF11 PC3SF11YVZB PC3F11YVZA |
Reinforced Insulation Type Phototriac Coupler for Triggering Beldsol Magnet Wire, Approx. Spool Length: 404'; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/9; MW 28-C (Single); Conductor Material:Copper RoHS Compliant: Yes 钢筋接头绝缘型光敏触 Beldsol Magnet Wire, Approx. Spool Length: 645'; Conductor Size AWG:26; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/9; MW 28-C (Single); Conductor Material:Copper RoHS Compliant: Yes 钢筋接头绝缘型光敏触
|
SHARP[Sharp Electrionic Components] Sharp, Corp.
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|
RT1608 RT1608K100CS RT1608K100GS RT1608M100CS RC32 |
CA BAYONET Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes CACOM 35C 35#16 PIN PLUG CA06COME28-15PWBF97 CA06COME28-15SWBF97 CANCA06COME28-15PBF80G12 CANCA06COME28-15SBF80G12 NITRON LIN CA-BAYONET CACOMB 35C 35#16 SKT PLUG 贴片电阻 CACOM 35C 35#16 SKT PLUG 贴片电阻 THICK FILM CHIP RESISTORS 贴片电阻 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; No. of Contacts:12; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 贴片电阻 Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes 贴片电阻 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes 贴片电阻 Coaxial Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers Samsung Electronics Electronic Theatre Controls, Inc. Infineon Technologies AG
|