PART |
Description |
Maker |
XRA1404IG16-F XRA1404IG16TR-F |
8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
|
Exar Corporation
|
XRA1200PIL16-F XRA1200PIL16TR-F XRA1200IL16-F XRA1 |
8-BIT I2C/SMBUS GPIO EXPANDER
|
Exar Corporation
|
AKD4184A |
TSC with Keypad Scanner and GPIO Expander
|
Asahi Kasei Microsystems
|
AKD4184 AK4184VG |
TSC with Keypad Scanner and GPIO Expander
|
Asahi Kasei Microsystems
|
76601/2 |
8-bit I/O Expander with SPI Interface., -40C to 125C, 18-PDIP, TUBE 变压器脉-1
|
3M Company
|
EB2-3TNUL-L EB2-3TNUH-R EB2-3TNUH-L EB2-3TNUE EB2- |
Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-VQFN -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 16-SOIC -40 to 85 D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackscrew; Peak Reflow Compatible (260 C):No RoHS Compliant: No Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-TVSOP -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 20-TSSOP -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-VQFN -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 16-QFN -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-SOIC -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SSOP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-TVSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-TSSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-QFN -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-VQFN -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SSOP/QSOP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SSOP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-TVSOP -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-SOIC -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-VQFN -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-VQFN -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-TVSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SSOP/QSOP -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 16-PDIP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-QFN -40 to 85 COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE 小型,重量轻表面安装 Remote 8-Bit I<sup>2</sup>C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-TSSOP -40 to 85 小型,重量轻表面安装 Remote 8-Bit I/O Expander for I2C-Bus 20-VQFN -40 to 85 小型,重量轻表面安装 16-BIT MPU 小型,重量轻表面安装 Remote 8-Bit I/O Expander for I2C-Bus 20-TVSOP -40 to 85 小型,重量轻表面安装 Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 小型,重量轻表面安装 A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:4; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes 小型,重量轻表面安装 Remote 8-Bit I<sup>2</sup>C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-VQFN -40 to 85
|
NEC[NEC] NEC Corp. NEC, Corp. Actel, Corp.
|
CY8C28533-12AXQ |
Programmable System on a Chip; Voltage: 4.75V - 5.25V; GPIO: 40; Analog Blocks: 10; Digital Blocks: 12; Flash: 16KB; RAM: 1KB; Temp: Q; Comm: I2C, UART, SPI; Package: 44 TQFP MULTIFUNCTION PERIPHERAL, PQFP44
|
Cypress Semiconductor, Corp.
|
PCA9575 PCA9575HF PCA9575PW1 PCA9575PW2 |
16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt PCA9 SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO24
|
NXP Semiconductors N.V.
|
AT25F2048 |
2M-bit, SPI Bus Serial Flash, High-speed, SPI Mode 0 and 3
|
Atmel
|
ST72361 ST7236107 ST72F361 |
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI(具有ICP,IAP,Nested Interrupt,TLI,ROP,带LIN功能位MCU) 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI垄芒
|
意法半导 STMicroelectronics
|
AD5621 AD5621AKS AD5621BKS AD5601 AD5601BKS AD5611 |
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 2.7 V.5 V,00联合航空-/10-/12-Bit nanoDAC系列的D / A,SPI接口,SC70封装 2.7 V to 5.5 V, UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 599.54 Kbytes 2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|