PART |
Description |
Maker |
UT54ACS164245S UT54ACS164245SCC UT54ACS164245SPC U |
RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
|
http:// Aeroflex Circuit Technology
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
AD7542JN AD7542TQ AD7542SQ AD7542AQ AD7542KP AD754 |
Precision 12-Bit CMOS Multiplying I-OUT DAC, 4-Bit Bus CMOS P-Compatible 12-Bit DAC CMOS uP-COMPATIBLE 12-BIT DAC PARALLEL, 4 BITS INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, CDIP16
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX161 MAX161ACPI MAX161ACWI MAX161AEPI MAX161AEWI |
CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System CMOS 8-Bit 8-Channel Data Acquisition System CMOS 8Bits 8 Channel DAS(CMOS 8 通道数据采集系统) 16-Bit Ultra-Low-Power MCU, 116KB Flash, 8KB RAM, 12-Bit ADC, Dual DAC, DMA, 3 OPAMP, 160 Seg LCD 100-LQFP -40 to 85 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 CMOS 8-Bit 8Channel Data Acquisition System CMOS0µs位通道数据采集系统
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
IDT74ALVC14 |
3.3V CMOS HEX SCHMITT-TRIGGER INVERTER
|
IDT
|
SCL4584B |
CMOS HEX INVERTING SCHMITT TRIGGER
|
R & E International, Inc.
|
ELM7SH14XB |
HIGH SPEED CMOS LOGIC IC Schmitt Inverter
|
ELM Technology Corporation
|
74LCX14M 74LCX14MTR 74LCX14TTR |
CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUT
|
SGS Thomson Microelectronics
|
HEF40106 HEF40106B HEF40106BD HEF40106BF HEF40106B |
Hex inverting Schmitt trigger 六反相施密特触发 gates Hex inverting Schmitt trigger HEF40106B; Hex inverting Schmitt trigger Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Tube HEX 1-INPUT INVERT GATE, PDSO14 Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Reel Pack, SMD, 13"
|
List of Unclassifed Manufacturers NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|