PART |
Description |
Maker |
STP80NF03L-04 STP80NF03 -STP80NF03 |
N - CHANNEL POWER MOSFET Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Metal; Series:PC C-26482 Series I; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
APTM120A20DG |
Phase leg with Series diodes MOSFET Power Module 50 A, 1200 V, 0.24 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
FY6ACH-02A |
Nch POWER MOSFET HIGH-SPEED SWITCHING USE Power MOSFETs: FY Series
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
2SK2190 |
10 A, 500 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
FS70UMJ-06 |
Power MOSFETs: FS Series, Low Voltage, 60V Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
TPH1110FNH |
150V, 200V and 250V power MOSFET U-MOS VIII-H Series Power MOSFET (N-ch 150V<VDSS≤250V)
|
Toshiba, Corp.
|
SIHU6N62E |
E Series Power MOSFET
|
Vishay Siliconix
|
SIHF22N60E-E3 |
E Series Power MOSFET
|
http://
|
SIHP12N60E |
E Series Power MOSFET
|
Vishay Siliconix
|
SIHP30N60E-GE3 |
E Series Power MOSFET
|
Vishay Siliconix
|