PART |
Description |
Maker |
TS1117S |
800mA Low Dropout Positive Voltage Regulator
|
Taiwan Semiconductor Company
|
SSC2128 |
CMOS Low Dropout Voltage Regulat or
|
SeCoS Halbleitertechnologie GmbH
|
IRU1117-33 IRU1117-3.3 IRU1117-33CD |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR 800mA的低压差型正,固3.3V稳压 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR(75.90 k)
|
International Rectifier, Corp. IR
|
TCL1117 TCL1117-2.85 TCL1117-2.85CDB TCL1117-2.85C |
800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V 800mA的低压差型可调和固定工作2.85V.30V.00V阳性调节器 800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V 800mA的低压差型可调和固定工作.85V3.30V.00V阳性调节器 800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V/ 3.30V/ 5.00V
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
IRU1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
|
International Rectifier
|
IRU1117 |
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
International Rectifier
|
MC78T05ABT MC78T15ACT MC78T05CD2TR4 MC78T00 MC78T1 |
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 5 V FIXED POSITIVE REGULATOR, PSSO2 Replaced by PTH05030W,PTH05T210W : 1.3 TO 3.5VOUT 32AMP 5V-INPUT 'SLEDGE HAMMER' PROGRAMMABLE ISR 27-SIP MODULE MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-22 INSERT ARRANGEMENT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ON Semiconductor
|
APL1087R APL1087R-25DC-TR APL1087R-18DC-TUL APL108 |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, and 3.3V 800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
Anpec Electronics, Corp. ANPEC[Anpec Electronics Coropration]
|
APL1087R-18DC-TUL APL1087R-18DC-TRL APL1087R-18EC- |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V 800mA的低压差快速反应积极可调稳压器和固.8V.5V.3V
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|