PART |
Description |
Maker |
KBP306 KBP310 |
VOLTAGE RANGE 50 TO 1000 VOL TS
|
Gaomi Xinghe Electronic...
|
S1Q S1ZZ |
1 Amp Silicon Rectifier 1200 to 2000 Volts 1 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AA
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
R1800 R2000 R1200 R1500 R12.0 R18.0 R150. |
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts 0.5 A, 1800 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
IMS7 24IMS7-03-9 24IMS7-05-05-9 24IMS7-05-9 24IMS7 |
7 Watt DC-DC Converters Standard Metal Shell Nano Strip Connector CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 500 A nominal, ± 1200 amp range, 5000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, center pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn
|
http:// POWER-ONE[Power-One]
|
ER1Y ER1V ER1ZZ |
1 Amp Super Fast Recovery Silicon Rectifier 1200 to 2000 Volts
|
Micro Commercial Components Corp.
|
MAAMSS0045 MAAMSS0045TR-3000 MAAMSS0045SMB |
1400 MHz - 2000 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER HIGH DYNAMIC RANGE LOW NOISE AMPLIFIER 1400 - 2000 MHZ
|
MACOM[Tyco Electronics]
|
ISL28288FBZ-T7 |
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R DUAL OP-AMP, 2000 uV OFFSET-MAX, 0.3 MHz BAND WIDTH, PDSO8
|
Intersil, Corp.
|
AM29LV800DB-120SD AM29LV800DB-120ED AM29LV800DB-12 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:230V; Supply Voltage AC, Min:115V; Supply Voltage DC, Max:230V RoHS Compliant: Yes Time-Delay Relay; Contacts:NO; Time Range:0.1 to 102.4s; Timing Function:Delay-On-Make; Supply Voltage Max:288V; Supply Voltage Min:100V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes Low Voltage, Active Transmission Line Termination Clamp (4 Terminations) Time-Delay Relay; Time Range:0.1 - 30; Timing Function:Delay-On-Make; Time Range Max:30s; Time Range Min:0.1s Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug-In; Timing Function:Delay-On-Make; Supply Voltage:115V RoHS Compliant: Yes Time-Delay Relay; Time Range:1sec. to 1024 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:288V; Supply Voltage AC, Min:19V; Supply Voltage DC, Max:288V RoHS Compliant: Yes 2-Port PCI-X to PCI-X Bridge Time-Delay Relay; Contacts:NO; Timing Function:Delay-On-Make; Supply Voltage Max:50V; Supply Voltage Min:18V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
ISL6740AIVZA-T ISL6740A ISL6740AIVZA |
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward 1 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO16 JT 5C 5#20 PIN PLUG 1 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
|