PART |
Description |
Maker |
G996 |
1.6X Linear Fan Driver
|
Global Mixed-mode Techn...
|
APE8876 APE8876M APE8876TY |
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
|
Advanced Power Electronics Corp. Advanced Power Electron...
|
ENA1096 |
Monolithic Linear IC For Fan Motor Two-Phase Half-Wave Driver
|
Sanyo Semicon Device
|
LA6581T LA6581T09 |
Fan Motor Driver BTL Driver Single-Phase Full-Wave
|
Sanyo Semicon Device
|
LA6587T11 |
Fan Motor Driver BTL Driver Single-Phase Full-Wave
|
Sanyo Semicon Device
|
LV8162TT |
Fan Motor Driver Single-Phase Full-Wave Driver
|
Sanyo Semicon Device
|
MAX662013 MAX6620ATI |
Quad Linear Fan-Speed Controller
|
Maxim Integrated Products Maxim Integrated Produc...
|
PT2129A PT2129A-S84S PT2129A-S84D PT2129A-S21S PT2 |
FAN MALTESE 115VAC MA2B3 W/O FG Remote Fan Controller IC 遥控风扇控制IC FAN 48 DC SPRITE SD48B2 遥控风扇控制IC FAN MALTESE 12VDC MT12B3 遥控风扇控制IC
|
PTC[Princeton Technology Corp] Princeton Technology Corporation Princeton Technology, Corp.
|
PT2126-C4A-RSM1 PT2126-C4A-RSM1-C PT2126-C4A-RSM1- |
FAN CONTROLLER FAN CONTROLLER 风扇控制 Threaded Round Standoff; Spacing Height:1"; Spacer Material:Aluminum; Thread Size:8-32; Body Diameter:1"; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Spacer Plating:Iridite Datamate L-Tek SIL Male Vertical 5.4mm PC Tail Connector, latched, gold, 22-way TOOLS,DRIVERS,SETS,REVERSIBLE DRIVER SET, 6 IN 1, POLLICIS,HAND TOOLS,ESD POLLICIS® EXTENDED REACH DRIVER SETS ,MOODY TOOLS RoHS Compliant: NA For "AA"; "AAA"; "N" Cells - Available for One; Two; Three or Four Cell Designs FAN CONTROLLER??|} |
Princeton Technology, Corp. Princeton Technology Corporation PTC[Princeton Technology Corp] http:// Princeton Technology Co...
|
TC647BEUATR TC642B TC642BEOA713 TC642BEOATR TC642B |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
A4405 |
The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.
|
Allegro MicroSystems
|