PART |
Description |
Maker |
BCX17LT1 BCX17LT1G BCX17LT3 BCX18LT1 BCX19LT1 BCX1 |
Small Signal PNP General Purpose Transistors (Voltage and Current are Negative for PNP Transistors)
|
ON Semiconductor
|
PDTA123JEF PDTA123JE115 PDTA123JM PDTA123JK PDTA12 |
PNP resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V.
|
DSS60600MZ4 DSS60600MZ4-13 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 55V to 100V 6 A, 60 V, PNP, Si, POWER TRANSISTOR GREEN, PLASTIC PACKAGE-4 LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
MJE5731A MJE5731 MJE5730 ON2039 |
POWER TRANSISTORS PNP SILICON 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1.0 AMPERE POWER TRANSISTORS From old datasheet system
|
ON Semiconductor
|
BCY72 BCY70 BCY71 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% PNP SILICON TRANSISTORS PNP SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
2N4402 2N4403 ON0046 2N4403RLRE |
General Purpose Transistors PNP General Purpose Transistors(PNP Silicon) Motorola Preferred Device From old datasheet system
|
ONSEMI[ON Semiconductor]
|
BF493 BF491 BF492 |
PNP SILICON PLANAR TRANSISTORS PNP SILICON HIGH VOLTAGE TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
PDTA114YEF PDTA114YT PDTA114YM |
PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=10千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
MPS6507_D MPS750 ON2326 MPS650 MPS751 MPS651 |
(MPS650) Amplifier Transistors (MPS750) Amplifier Transistors From old datasheet system Voltage and current are negative for PNP transistors
|
Motorola, Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SB1201 2SD1801 0738 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|