PART |
Description |
Maker |
JM60030-1SR |
Class J modular ferrule and knifeblade fuse blocks
|
List of Unclassifed Man...
|
Z80C30-10CME Z85C3008CME Z85C3008/CMB Z85C3010CMB |
FUSEHOLDR 2AG PNL MNT SOLDER QC Cartridge Fuse; Current Rating:80mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5mm; Fuse Terminals:Ferrule; Length:20mm; Series:218XE 通信控制 Communications Controller 通信控制
|
ZiLOG, Inc.
|
J-21 J-26 J-42 J-13 J-16 |
Class H (K), J and R ferrule and blade fuse reducers
|
Cooper Bussmann, Inc.
|
C519-1.5-R C519-1.25-R |
Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:15mm; Packaging:Bulk; Series:C519; Voltage Rating:250V RoHS Compliant: Yes Cartridge Fuse; Current Rating:1.25A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:15mm; Packaging:Bulk; Series:C519; Voltage Rating:250V RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
876-199 |
Multiple Position Fuse Blocks
|
Littelfuse
|
2-1437397-4 |
END SECTION FUSE & SWITCH BLOCKS FLAT BASE
|
Tyco Electronics
|
H60060-2 H60060-3 H60060-1 H60030-1S H60200-1 H601 |
600V Class H Fuse Blocks 600V Class H Fuse Blocks
|
Cooper Bussmann, Inc.
|
39425-0002 39425-0003 39425-0004 39425-0005 39425- |
SR BTS 12MM HDR 85A 600V 5 ASY E 85 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 12MM HDR 85A 600V 8 ASY E 85 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK 12.00mm (.472? Pitch EuroMax?/a> High-Power Pluggable Terminal Blocks 12.00mm (.472? Pitch EuroMax High-Power Pluggable Terminal Blocks 12.00mm (.472隆卤) Pitch EuroMax垄芒 High-Power Pluggable Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
0920083 |
Fuse modular terminal block
|
PHOENIX CONTACT
|
RM60400-1CR HM60400-2CR JM60400-2CR HM25100-1CR RM |
Industrys fi rst modular fuse block simplifi es design and enhances safety
|
Cooper Bussmann, Inc.
|