PART |
Description |
Maker |
364721 |
1,27 DRC Adapterstuck BTB 32mm
|
ERNI Electronics
|
364100 |
1,27 DRC Adapterstuck BTB 32mm 12-polig
|
ERNI Electronics
|
354308 |
1,27 DRC Adapterstuck BTB 22mm 50-polig
|
ERNI Electronics
|
364092 |
1,27 DRC Adapterstück BTB 36mm 26-polig
|
ERNI Electronics
|
364102 |
1,27 DRC Adapterstuck BTB 36mm 12-polig
|
ERNI Electronics
|
364720 |
1,27 DRC Adapterstuck BTB 30mm 68-polig
|
ERNI Electronics
|
87606850HLF 87606802HLF 87606450HLF 87606302HLF 87 |
BtB RECEPT VERT SR SMT BtB RECEPT. VERT DR TMT
|
FCI connector
|
55091-0574 55091-1274 55091-2075 55091-1474 55091- |
0.635 BtB Plg Hsg Assy 50Ckt EmbsTp Pkg 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 0.635 BtB Plg Hsg Assy 120Ckt EmbsTp Pkg 120 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 0.635 BtB ST PlgHsgCvrAssy200CktStickPkg 200 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 0.635 BtB Plg Hsg Assy 140Ckt EmbsTp Pkg 140 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 0.635 BtB ST PlgHsgCvrAssy180CktStickPkg 180 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 70 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc. MOLEX INC
|
70Y-101 70Y-102 70Y-103 70Y-104 70Y-105 70Y-202 70 |
Full-Featured µP Supervisory Circuit with ±1.5% Reset Accuracy TRIMMER 32MM CERMET MEHR 1K 400V 1W TRIMMER 32MM CERMET MEHR 1M 400V 1W TRIMMER 32MM CERMET MEHR 20K 400V 1W Full-Featured µP Supervisory Circuit with ±1.5% Reset Accuracy 修边2毫米金属陶瓷1000V 1W的伊朗Mehr
|
Diodes, Inc.
|
MJE1090 |
5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-127
|
AMERICAN MICROSEMICONDUCTOR INC
|
589159002000006 |
Shorting Socket: BTB
|
AVX Corporation
|
|