PART |
Description |
Maker |
HCF4000 HCF4000B HCF4001 HCF4001B HCF4002 HCF4002B |
NOR GATE (289.19 k) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,6A I(D),TO-3 RoHS Compliant: Yes T-PNP-SI-AF PO- .75W T-NPN- SI-PO & SW-PD 40 W 或非 MOSFET-PWR N-CH HI SPEED 或非 MOSFET; Transistor Polarity:P Channel; Continuous Drain Current, Id:10.5A; On-Resistance, Rds(on):0.3ohm; Package/Case:3-TO-220; Continuous Drain Current - 100 Deg C:7.5A; Continuous Drain Current - 25 Deg C:10.5A 或非 MOSFET-PWR 800V 4A 或非 NOR GATE 或非 MOSFET-PWR 500V 8A
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
PST993 PST993C PST993D PST993E PST993F PST993G PST |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-2.2A; On-Resistance, Rds(on):0.1ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23; Leaded Process Compatible:No MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:2.2A; Resistance, Rds on:0.1R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:2.2A; Current, Idm pulse:10A; Marking, SMD:L1; Pins, No. RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:2.1A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:SOT-23; Leaded Process Compatible:No System Reset
|
MITSUMI ELECTRIC CO LTD ETC[ETC] Mitsumi Electronics, Corp.
|
IRFF120 IRFF121 IRFF122 IRFF123 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 50V. Continuous drain current 6.0A. N-CHANNEL ENHANCEMENT-MODE POWER MOS FIELD-EFFECT TRANSISTORS
|
General Electric Solid State GE Solid State
|
HCF4006B HCF4006BC1 HCF4006BEY HCF4006BM1 HCC_HCF4 |
18-STAGE STATIC SHIFT REGISTER MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:50A; On-Resistance, Rds(on):28mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Drain-Source Breakdown Voltage:60V 18 -阶段静态移位寄存器
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-RE |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩ 15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置
|
AD[Analog Devices] Analog Devices, Inc.
|
2SK528 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1662 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1601 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1602 |
Drain Current ?ID= 2.8A@ TC=25C
|
Inchange Semiconductor ...
|
2N80 |
Drain Current ID= 2.4A@ TC=25C
|
Inchange Semiconductor ...
|