PART |
Description |
Maker |
PST993 PST993C PST993D PST993E PST993F PST993G PST |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-2.2A; On-Resistance, Rds(on):0.1ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23; Leaded Process Compatible:No MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:2.2A; Resistance, Rds on:0.1R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:2.2A; Current, Idm pulse:10A; Marking, SMD:L1; Pins, No. RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:2.1A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:SOT-23; Leaded Process Compatible:No System Reset
|
MITSUMI ELECTRIC CO LTD ETC[ETC] Mitsumi Electronics, Corp.
|
IRFF110 IRFF111 IRFF112 IRFF113 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 3.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 3.0A. Power MOS Field-Effect Transistors N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 3.5A.
|
General Electric Solid State GE Solid State
|
SP8855 SP8855E |
2.8GHz Parallel Load Professional Synthesiser MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):10mohm; Rds(on) Test
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
ST662 ST662A ST662AB ST662ABD ST662ABN ST662AC ST6 |
From old datasheet system DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:14A; On-Resistance, Rds(on):9mohm; Rds(on) Test
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AP1623SLA AP1623 AP1623S AP1623SA AP1623SL |
Diodes, Zener; Zener Voltage Typ, Vz:12V; Vz Test Current, Izt:20mA; Power Dissipation, Pd:500mW; Package/Case:41-MiniDIP; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Peak Reflow Compatible (260 C):Yes JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-40V; Zero Gate Voltage Drain Current Min, Idss:0.5mA; Zero Gate Voltage Drain Current Max, Idss:10mA; Gate-Source Cutoff Voltage Max, Vgs(off):-2.5V PWM Control Step-Down Switching Regulator-Converter
|
ETC ANACHIP[Anachip Corp]
|
2SK528 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|
2SK846 |
Drain Current ?ID=3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1601 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK987 |
Drain Current ?ID=5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1224 |
Drain Current ?ID=4A@ TC=25C
|
Inchange Semiconductor ...
|