PART |
Description |
Maker |
VPP12-4400-13 |
Hipot: 4000VAC between primary to secondary and windings to core.
|
TRIAD MAGNETICS
|
VPP28-090 |
Hipot: 4000VAC between primary to secondary and windings to core.
|
TRIAD MAGNETICS
|
T-980 |
Primary Impedance 600(W),Primary DC Resistance 49(W) nom.
|
Rhombus Industries Inc.
|
NX7313UA-AZ |
WIRE, PTFE, A, ORANGE, 7/.012MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Orange; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes
|
California Eastern Laboratories
|
X25041 X25041P X25041P-2.7 X25041P-3 X25041PI X250 |
DC/DC Charge Pump Converter (DC-DC) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Number of PWM Outputs:2; Input Voltage Primary Min:1.8V; Input Voltage Primary SPI Serial E2PROM with Block LockTM Protection
|
XICOR[Xicor Inc.]
|
ST173S ST173S10PFK0L ST173S12MFK0L ST173S12PFK0L |
INVERTER GRADE THYRISTORS Stud Version Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Current, Voltage; Number of PWM Outputs:2; Input Voltage Primary Min:3V; Input Voltage Primary Max:6.5V; Oscillator Frequency Max, Fosc:2MHz RoHS Compliant: No
|
IRF[International Rectifier]
|
VIPER20A-E VIPER20ADIP-E VIPER20ASP-E VIPER20A-22- |
SMPS primary I.C.
|
STMicroelectronics
|
VIPER50/SP VIPER50A/ASP |
SMPS PRIMARY I.C.
|
STMicroelectronics
|
STRF6626 |
SMPS Primary IC
|
Allegro Microsystems
|
VIPER100ASP |
SMPS PRIMARY I.C. 开关电源主要IC
|
STMicroelectronics N.V.
|
L5991D L5991A L5991AD L5991 |
PRIMARY CONTROLLER WITH STANDBY
|
STMICROELECTRONICS[STMicroelectronics]
|
LO35SX |
Primary Lithium Batteries
|
SAFT
|