PART |
Description |
Maker |
RSTA2.5-BULK-SHORT RSTA6.3-AMMO RSTA1-AMMO |
Time Lag Radial lead Micro Fuse Series Time Lag Radial lead Micro Fuse Series
|
Bel Fuse Inc.
|
047202.5NAT1L 047202.5NRT1L 047201.5NAT1L 047202.5 |
Axial Lead & Cartridge Fuses PICO? ll > Time-Lag > 472 Series Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series PICO II, Time-Lag Fuse
|
Littelfuse
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
0471005.NAT6L 0471005.NRT1L 0471005.NAT1L 0471001. |
Axial Lead & Cartridge Fuses PICO? ll > Time-Lag > 471 Series Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series Axial Lead and Cartridge Fuses
|
Littelfuse
|
5STP12.5 5STP1.6 5STP400 |
Time-lag Fuse Series (Low Breaking Capacity) TIME LAG BLOW ELECTRIC FUSE, 12.5A, 250VAC, THROUGH HOLE Time-lag Fuse Series (Low Breaking Capacity) TIME LAG BLOW ELECTRIC FUSE, 1.6A, 250VAC, 35A (IR), THROUGH HOLE Time-lag Fuse Series (Low Breaking Capacity) TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
225P 225P56301WA1 |
CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.056 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT Polyester Capacitors Filmite㈢ “E”, ORANGE DROP㈢, Radial Lead Polyester Capacitors Filmite庐 ???? ORANGE DROP庐, Radial Lead Polyester Capacitors Filmite? “E? ORANGE DROP?, Radial Lead
|
KEMET, Corp. Vishay Siliconix
|
SF-0603SP050 SF-0603SP063 SF-0603SP080 |
Time Lag Surface Mount Fuses
|
Bourns Electronic Solut...
|
0.34.3405 0.34.3407 0.34.3409 0.34.3410 0.34.3411 |
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
|
Schurter Inc.
|
0471001.NRT1- 0471001.NRT3- |
PICO? II Time Lag Fuse 471 Series PICO II Time Lag Fuse 471 Series
|
Littelfuse
|
SF-1206SP450M-2 SF-1206SP800M-2 SF-1206SP400M-2 |
Time Lag Multilayer Surface Mount Fuses
|
Bourns Electronic Solut...
|