PART |
Description |
Maker |
PE7227-60 |
60 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7221-60 |
60 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7221-6 |
6 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7221-3 |
3 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
2082 2082-6024-23 2082-4384-30N 2082-6023-13 2082- |
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Evaluation Kit for the MAX3663 QPL Fixed Coaxial Attenuators 七匹狼固定同轴衰减器 SMA Fixed Coaxial Attenuators Subminiature 形状记忆合金微型固定同轴衰减 0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Amphenol, Corp. Dialight PLC Weidmuller, Corp. Air Cost Control Vishay社区 XMA CORP
|
PE7391-1 PE7391-2 PE7391-15 |
2 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7406-30 |
30 dB Fixed Attenuator, SMA Male To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7406-6 |
6 dB Fixed Attenuator, SMA Male To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7407-6 |
6 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7407-40 |
40 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7228-60 |
60 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|