PART |
Description |
Maker |
AT86RF210 |
The AT86RF210 Z-Link?Transceiver is an 868/915 MHz direct sequence spread spectrum BPSK transceiver designed for IEEE 802.15.4/ZigBee?based systems; supports data rates of 20 kbps and 40 kbps, respectively. Z-LINK TRANSCEIVER From old datasheet system
|
ATMEL Corporation
|
MF799ST MF799 |
0.5V WDM duplex device, for datacom, telecom and general purpose applications Datacom, Video Link, Intra-Office Telecom, WDM(Wavelength Division Multiplex) Duplex Device(用于数据通信,视频连接,内部办公通信,波长多路复用(WDM)的双工设备) Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor
|
MAX14824 MAX14824GTG |
IO-Link Master Transceiver
|
Maxim Integrated Products Maxim Integrated Produc...
|
TDL2A-433-4 TDL2A-433-9 |
UHF Multi Channel Transparent Data Link Transceiver
|
Radiometrix Ltd
|
1120005031 DRL-EPN-PCU E-112000-5031 |
BradCommunications Direct-Link PCU-ETHIO Ethernet card for PROFINET IOController & IO-Device
|
Molex Electronics Ltd. http://
|
PM7385 PM7385-BI |
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
|
PMC-Sierra Inc
|
AT83C23OK203-PURUM AT83C23OK203-PUTUM AT83C23OK203 |
CardMan? Smart@Link CardMan庐 Smart@Link CardMan㈢ Smart@Link
|
ATMEL Corporation
|
HFBR-2537 HFBR2521 HFBR2537 HFBR-0501 HFBR2528 HFB |
HFBR-2533 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Vertical Package HFBR-2531 · 5 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-2522 · 1 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-2524 · 1 MBd 600nm Standard Link Receiver in Horizontal Package HFBR-2523 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Horizontal Package HFBR-2532 · 1 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-1533 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Vertical Package HFBR-1532 · 1 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1531 · 5 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1522 · 1 MBd 600nm High Performance Link Transmitter in Horizontal Package HFBR-2521 · 5 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-1523 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Horizontal Package HFBR-0501 · Evaluation Kit for DC to 5 MBd TTL Applications with Plastic Optical Fibers (HFBR-x5xx) Versatile Link The Versatile Fiber Optic Connection
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) Hewlett-Packard / Agilent
|
5962H9322603VZC 5962H9322603VZX 5962G9322603QXC 59 |
Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish gold. Total dose 1E6 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish optional. Total dose 1E6 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class Q. Lead finish gold. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class Q. Lead finish optional. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish solder. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish gold. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class Q. Lead finish gold. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class Q. Lead finish optional. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish solder. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish optional. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class Q. Lead finish solder. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish optional. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class Q. Lead finish solder. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish gold. Total dose 5E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish solder. Total dose none. Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish gold. Total dose 1E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish gold. Total dose 3E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish gold. Total dose 3E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish gold. Total dose 1E5 rads(Si). Monolithic transceiver, 5V operation. Idle low transciver. Lead finish optional. Mil temp. Monolithic transceiver, 5V operation: SMD. Device type idle low. Class Q. Lead finish gold. Total dose 1E6 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish solder. Total dose 1E6 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish gold. Total dose none. Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish solder. Total dose 3E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish optional. Total dose none. Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish optional. Total dose 3E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class Q. Lead finish optional. Total dose none. Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class Q. Lead finish gold. Total dose none. Monolithic transceiver, 5V operation: SMD. Device type idle low. Class Q. Lead finish gold. Total dose 1E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish solder. Total dose 1E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish solder. Total dose 1E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish optional. Total dose none. Monolithic transceiver, 5V operation: SMD. Device type idle low. Class V. Lead finish optional. Total dose 3E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class V. Lead finish solder. Total dose none. Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class Q. Lead finish solder. Total dose none. Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class Q. Lead finish solder. Total dose 3E5 rads(Si). Monolithic transceiver, 5V operation: SMD. Device type 1760, idle low. Class Q. Lead finish optional. Total dose 3E5 rads(Si).
|
Aeroflex Circuit Technology
|
GP2W1001YP |
DEVICE SPECIPICATION FOR OPTICAL DATA COMMUNICATION TRANSCEIVER
|
SHARP[Sharp Electrionic Components]
|
USB3250 USB3250-ABZJ |
Hi-Speed USB Device Transceiver with UTMI Interface
|
Microchip Technology
|
PM4318 PM4318-BI |
OCTAL E1/T1/J1 LINE INTERFACE DEVICE DATACOM, PCM TRANSCEIVER, PBGA288
|
PMC-Sierra, Inc.
|
|