PART |
Description |
Maker |
LTC1337CNW LTC1337CSW LTC13371 LTC1337CG |
5V Low Power RS232 3-Driver/5-Receiver Transceiver 5V Low Power RS232 3-Driver/5-Receiver Transceiver; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C TRIPLE LINE TRANSCEIVER, PDIP28
|
Linear Technology, Corp.
|
LT1780 LT1780CN LT1780CSW LT1781 LT1781CN LT1781CS |
Low Power 5V RS232 Dual Driver/Receiver with 【15kV ESD Protection From old datasheet system Low Power 5V RS232 Dual Driver/Receiver with ±15kV ESD Protection Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
|
LINER[Linear Technology]
|
LT1130A LT1130ACNW LT1130ACSW LT1130AISW LT1131A L |
Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 24; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO24 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,?????????5????RS232椹卞????ユ???甯?????灏??瀹?) CAP .015UF 200V B SERIES POLY LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,先进的低功5RS232驱动接收带关断和小电) Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 Octal Buffers/Line Drivers with 3-State Outputs 20-SO 0 to 70 From old datasheet system 5V, 12V 4-Driver/4-Receiver 5-Driver/3-Reciever 4-Driver/5-Receiver Advanced 5-Driver/3-Receiver RS232 Transceiver without Charge Pump Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,?????????3????RS232椹卞????ユ???甯?????灏??瀹?)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
LT1280ACSWTRPBF LT1280ACSWPBF LT1281ACSWPBF LT1280 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
CXA1810AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
MAX208IDBE4 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
外设及接
|
SP3220B SP3220BCA SP3220BCT SP3220BCY SP3220BEA SP |
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 320 x 240 pixel format, Chip-On-Glass Technology 高.0V.5V的RS - 232驱动接收
|
SIPEX[Sipex Corporation]
|
UPD4724GS-GJG UPD4724 UPD4724GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
CXA1642 CXA1642M CXA1642P |
VOCAL CANCELLER FOR KARAOKE EQUIPMENT 卡拉OK声消音设 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
Sony, Corp. SONY[Sony Corporation]
|