PART |
Description |
Maker |
LT3024EDE-PBF LT3024IDE-PBF LT3024EFE-PBF LT3024IF |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
|
Linear Technology
|
LT3028EFE LT3028EDHC LT3028 LT3028IFE LT3028IDHC |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
|
Linear Technology
|
LT3029MPMSE LT3029IDE LT3029IDEPBF LT3029IDETR LT3 |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
AME8753 AME8753AEZA2533Z |
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
|
Analog Microelectronics
|
MAX8865REUA MAX8865SEUA MAX8865T MAX8865TEUA MAX88 |
Dual / Low-Dropout / 100mA Linear Regulators Dual Low-Dropout 100mA Linear Regulators Dual, Low-Dropout, 100mA Linear Regulators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ICL8018A-C ICL8018A-M HI-DAC80V5 HI-DAC85V4 ICL802 |
Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 转换器IC Converter IC 转换器IC Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 转换器IC Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Constant-Voltage/Constant-Current Battery Charger; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C ConverterIC
|
Analog Devices, Inc. Intersil, Corp. M.S. Kennedy, Corp.
|
B4500 B4500CN B4500CR B4500CN-5.7 B4500CR-5.7 B450 |
6.0V 500mA low dropout voltage regulator 500 mA Low Dropout Voltage Regulators 5.7V 500mA low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. BayLinear
|
LT1763 LT1763CS8 LT1763CS8-1.5 LT1763CS8-1.8 LT176 |
500mA, Low Noise, LDO Micropower Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA, Low Noise, LDO Micropower Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA/ Low Noise/ LDO Micropower Regulators 500MA, LOW VOLTAGE, VERY LOW DROPOUT LINEAR REGULATOR
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LM2937-XX-TA3-T LM2937-XX-TQ2-R LM2937-XX-TQ2-T LM |
10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO2 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 15 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 500mA LOW DROPOUT VOLTAGE REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, SFM3
|
UTC[Unisonic Technologies] Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
AMS2931 AMS2931AM-X AMS2931AN-X AMS2931AS-X AMS293 |
100mA LOW DROPOUT VOLTAGE REGULATOR 100mA的低压差稳压 5.0V 100mA low dropout voltage regulator
|
Advanced Monolithic Sys... ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
CS8101YTVA5 CS8101YTHA5 CS8101 CS8101YD8 CS8101YDR |
Micropower 5V/ 100mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
CHERRY[Cherry Semiconductor Corporation] N.A. ZF Electronics Corporation
|