PART |
Description |
Maker |
TA78L05S TA78L09S TA78L15S TA78L07S TA78L08S TA78L |
Three-Terminal Positive Voltage Regulators 5V Three-Terminal Positive Voltage Regulators 9V Three-Terminal Positive Voltage Regulators 15V Three-Terminal Positive Voltage Regulators 7V Three-Terminal Positive Voltage Regulators 8V Three-Terminal Positive Voltage Regulators 10V Three-Terminal Positive Voltage Regulators 12V
|
TOSHIBA
|
KIA78M12T KIA78M05T KIA78M15T KIA78M08T |
0.5A 3-Terminal Voltage Regulator BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS) Quadruple 2-Input Positive-OR Gates 14-TVSOP -40 to 85
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
UPC14305 UPC14305H UPC14305HA UPC14305HF UPC16305 |
Positive output 3-terminal regulator Negative output 3-terminal regulator Low saturation voltage three-terminal regulator Low-saturation positive voltage regulated power supply circuit with on/off funct Bipolar analog integrated circuit Positive output three-terminal regulator Three-terminal positive adjustable regulator Low saturation positive output stabilization power circuit with ON/OFF function
|
NEC
|
JAN7805K JAN7805T JAN7815K JAN7815T SG7815AIG_DESC |
POSITIVE FIXED VOLTAGE REGULATOR Positive Fixed Linear Voltage Regulators THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBCY3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBFM2 SINGLEMODE FIBER PATCH CABLE, PLEM ST-SC 30M 15 V FIXED POSITIVE REGULATOR, CSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, MBFM2 Circular Connector; No. of Contacts:23; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No JT 26C 26#20 SKT WALL RECP JT 55C 55#22D PIN PLUG JT 10C 10#20 SKT RECP JT 23C 21#20 2#16 SKT PLUG Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes JT 10C 10#20 PIN RECP From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
KIA79M05PI KIA79M08PI KIA79M15PI KIA79M12PI KIA79M |
0.5A 3-Terminal Voltage Regulator BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
KA78M08TU KA78M08RTF |
3-Terminal 0.5A Positive Voltage Regulator; Package: TO-220; No of Pins: 3; Container: Rail 8 V FIXED POSITIVE REGULATOR, PSFM3 3-Terminal 0.5A Positive Voltage Regulator; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
GU78XX |
3-TERMINAL POSITIVE VOLTAGE REGULATORS 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压
|
GTM CORPORATION GTM, Corp.
|
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
LM7806 UTCLM7818 UTCLM78XX LM7809 LM7810 LM7824 UT |
1A positive voltage regulator, output 15V, output transistor SOA protection 3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
UTC[Unisonic Technologies] ??『绉???′唤??????
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
MC78L09F09 MC78L09F-TP |
VOLTAGE REG POS 9V 100MA SOT-89 9 V FIXED POSITIVE REGULATOR, PSSO3 Three-Terminal Low Current Positive Voltage Regulator
|
Micro Commercial Components, Corp.
|