PART |
Description |
Maker |
WG14013FR04 WG12013FR02 WG18015R FR35 WG18027R12 W |
1340 A, 1300 V, GATE TURN-OFF SCR 2150 A, 1500 V, SYMMETRICAL GTO SCR 820 A, 4000 V, GATE TURN-OFF SCR 1685 A, 2700 V, GATE TURN-OFF SCR 870 A, 600 V, GATE TURN-OFF SCR 700 A, 600 V, GATE TURN-OFF SCR 730 A, 1000 V, GATE TURN-OFF SCR 890 A, 1000 V, GATE TURN-OFF SCR
|
WESTCODE SEMICONDUCTORS LTD
|
IST110A-6 ISTF160-5F35 ISTF160-3F35 IST85-13 IST85 |
175 A, 600 V, SCR 355 A, 500 V, SCR 355 A, 300 V, SCR 175 A, 1300 V, SCR 175 A, 300 V, SCR 355 A, 200 V, SCR 355 A, 1000 V, SCR
|
|
VSKT170-04 VSKT17010 VSKT170-08 VSKT170-12 VSKT170 |
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
|
Vishay Siliconix
|
MCR101G-X-XX-T92-K MCR101G-X-XX-T92-B MCR101-6-B-T |
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
CS218I-50PBLEADFREE CS218I-50DLEADFREE CS218I-50PL |
50 A, 1200 V, SCR, TO-218 50 A, 400 V, SCR, TO-218 50 A, 1000 V, SCR, TO-218 50 A, 800 V, SCR, TO-218 50 A, 200 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 400 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 1000 V, SCR, TO-218 63 A, 1200 V, SCR, TO-65 63 A, 600 V, SCR, TO-65 63 A, 200 V, SCR, TO-65 110 A, SCR, TO-83
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CS3P-40B CS3P-40D CS3P-40M CS3P-40N CS3P-40P CS3P- |
40 A, 1000 V, SCR TO-3P, 3 PIN 40 A, 1200 V, SCR TO-3P, 3 PIN ISOLATED 40 AMP SCR 200 THRU 1200 VOLTS Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp
|
FG600AL28 POWEREXINC-FG1000AH44 GT300AV70 GT300AL2 |
1400 V, GATE TURN-OFF SCR 3500 V, GATE TURN-OFF SCR 1200 V, GATE TURN-OFF SCR 3600 V, GATE TURN-OFF SCR 2300 V, GATE TURN-OFF SCR 2500 V, GATE TURN-OFF SCR
|
POWEREX INC
|
25RIA160 25RIA80S90 25RIA 25RIA10 25RIA100 25RIA10 |
800V 25A Phase Control SCR in a TO-208AA (TO-48) package 1400V 40A Phase Control SCR in a TO-208AA (TO-48) package 1200V 25A Phase Control SCR in a TO-208AA (TO-48) package 1000V 25A Phase Control SCR in a TO-208AA (TO-48) package 100V 25A Phase Control SCR in a TO-208AA (TO-48) package 600V 25A Phase Control SCR in a TO-208AA (TO-48) package 400V 25A Phase Control SCR in a TO-208AA (TO-48) package 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
CGT200 CGT200-16 CGT200-18 CGT200-20 |
SCR Chip
|
JIEJIE MICROELECTRONICS...
|
TT430N DT95N TD251N |
800 A, 1800 V, SCR 150 A, 600 V, SCR 410 A, 600 V, SCR
|
Infineon Technologies AG
|
SK012D S8025L SK055N |
12 A, 1000 V, SCR, TO-252 25 A, 800 V, SCR, TO-220AB 55 A, 1000 V, SCR, TO-263AB
|
|
|