PART |
Description |
Maker |
SP-320 |
320W Single Output
|
Astrodyne
|
MPA320X-05Z MPA320X-09Z MPA320X-12Z MPA320X-15Z MP |
Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
|
MicroPower Direct, LLC
|
LPS-100-13.5 LPS-100-7.5 LPS-100-3.3 LPS-100-12 LP |
50W Single Output Switching Power Supply 100W Single Output without PFC Function
|
XP Power Limited
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
PLN-100 PLN-100-15 PLN-100-20 PLN-100-24 PLN-100-2 |
100W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
S-201-13.5 S-201-7.5 S-201-15 S-201-48 S-201-5 S-2 |
200W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
S-25-5 S-25-24 S-25-12 S-25-15 |
25W Single Output Switching Power Supply
|
Mean Well Enterprises C...
|
HLN-60H-30 HLN-60H-24 HLN-60H-20 HLN-60H-15 |
60W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
LPS-50-3.3 LPS-50-12 LPS-50-15 LPS-50 LPS-50-24 LP |
50W Single Output Switching Power Supply
|
Astrodyne Corporation
|
AS-100F-7.5 AS-100F-12 AS-100F-15 AS-100F-48 AS-10 |
100W Single Output Switching Power Supply
|
Astrodyne Corporation
|
PS-3511 PS-35-15 |
35W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd. Mean Well Enterprises C...
|
HLP-60H-30 HLP-60H-15 HLP-60H-24 HLP-60H-36 HLP-60 |
60W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|