PART |
Description |
Maker |
B84142-A60-R B84142-A10-R B84142-A20-R B84142-A30- |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
|
EPCOS[EPCOS]
|
HPR1000 HPR1001 HPR1002 HPR1003 HPR1004 HPR1005 HP |
1.0 Watt unregulated DC/DC converter. Nom.input voltage 12Vdc, rated output voltage 5Vdc, rated output current 200mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 24Vdc, rated output voltage -15Vdc, rated output current -34mA. 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 1-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 2-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 Watt unregulated DC/DC converter. Nom.input voltage 5Vdc, rated output voltage 12Vdc, rated output current 83mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 15Vdc, rated output voltage -15Vdc, rated output current -34mA.
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|
B84103-S1-A60 B84103-S1-A10 B84103-S1-A30 |
Low Power Pulse Width Modulator 14-PDIP -40 to 85 Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A 单相额定电压250系统的电源线滤波器,50/60赫兹额定电流1
|
EPCOS AG
|
RE023 |
RE023 [Updated 2/03. 9 Pages] The RE023 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage. rated for loads of up Embedded ASIC Macrocell: Power Management for Mobile Terminals (PM), RE023 Fixed 2.6V 160 mA LDO Voltage Regulator A Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage, rated for loads of up to 160 mA. A typical application is radio section supply in mobile terminals.
|
ATMEL[ATMEL Corporation]
|
GRM0225C1ER30WDAE GRM0225C1ER70WDAE |
Rated voltage
|
Murata Manufacturing Co...
|
BSS806N |
OptiMOS2 Small-Signal-Transistor Ultra Logic level (1.8V rated) Avalanche rated
|
TY Semiconductor Co., Ltd
|
953BQW7KSF-F 953BQW7P5KSF-F 953BIW17P5KSF-F |
AC Rated, Radial Leaded Box, UL 810 Fail Safe, Rated 10,000 AFC
|
Cornell Dubilier Electr...
|
B82432-T |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
|
EPCOS[EPCOS]
|
HC1203A |
Value applying Rated Voltage
|
JL World Company Limite...
|
HCM1203F HCM1205F |
Value applying Rated Voltage
|
JL World Company Limite...
|