PART |
Description |
Maker |
FYT-3631AX-01 FYT-3631AX-02 FYT-3631AX-00 FYT-3631 |
0.36 Inch (9.20mm) digit height Three Digits Display
|
Ningbo Foryard Optoelec...
|
FYT-5231HX-00 FYT-5231GX-00 |
0.52 Inch (13.20mm) digit height Three Digits Display
|
Ningbo Foryard Optoelec...
|
BQ-N512RD |
0.56(14.20MM) FOUR DIGIT LED DISPLAY 0.5614.20MM)四个数字的LED显示
|
Bright LED Electronics, Corp.
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3406LE LTS3406LE |
The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display 在三 3406LE是一.8英寸0.32毫米)两位数的高个位数七段显示器
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司 Lite-On Technology, Corp. ???绉???′唤??????
|
FYS-50011EX-10 |
5.00 Inch (126.50mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
LTS-547AG |
0.52 inch (13.2mm) digit height single digit seven-segment display
|
Lite-On Technology Corporation
|
FYS-10015BX-01 FYS-10015AX-01 FYS-10015AX-03 |
1.00 Inch (25.40mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-4312BX-30 FYS-4312AX-40 FYS-4312AX-41 |
0.43 Inch (11.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|