PART |
Description |
Maker |
GP30M GP30K GP30J GP30G GP30D GP30 |
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER 烧结玻璃钝化整流 Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 1000uF; Voltage: 35V; Case Size: 16x15 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 220uF; Voltage: 35V; Case Size: 10x9 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 12.5x12.5 mm; Packaging: Bulk
|
Zowie Technology Corporatio... Zowie Technology, Corp. 智威科技股份有限公司
|
GP20J GP20M GP20G GP20K |
Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 4700uF; Voltage: 25V; Case Size: 18x25 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 18x20 mm; Packaging: Bulk SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
|
智威科技股份有限公司
|
FP3-100-R FP3-150-R FP3-1R0-R FP3-2R0-R FP3-1R5-R |
Low Profile Inductors 155°C maximum total temperature operation Low profile high current inductors
|
Cooper Bussmann, Inc.
|
DR331-2-152 DR331-2-105 DR331-2-102 DR331-2-222 DR |
DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1.5µH. Rated Current 2.8 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1000µH. Rated Current 0.07 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1.0µH. Rated Current 2.9 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 2.2µH. Rated Current 2.4 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 22µH. Rated Current 0.80 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR, SMD
|
DATATRONIC DISTRIBUTION INC
|
GP400LSS18 |
Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 47uF; Voltage: 160V; Case Size: 16x15 mm; Packaging: Bulk Single Switch IGBT Module
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
HM65-H7R2LF HM65-H2R8LF HM65-H5R6LF HM65-M0R8LF HM |
High Current Low Profile Surface Mount Inductors 高电流超薄表面贴装电感器 High Current Low Profile Surface Mount Inductors 1 ELEMENT, 2.5 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BI Technologies Corporation BI Technologies, Corp.
|
IHLP-2020CZ-01 |
Low Profile, High Current IHLP垄莽 Inductors Low Profile, High Current IHLP? Inductors
|
Vishay Siliconix
|
GP20M GP20A GP20B GP20D GP20G GP20J GP20K |
Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 2200uF; Voltage: 25V; Case Size: 10x9 mm; Packaging: Bulk 2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
HSMS-C177 HSMS-C197 HSMG-C177 HSMA-C177 HSMA-C197 |
Low Profile ChipLED 超薄型ChipLED HSMY-C177 · Low Profile ChipLED HSMY-C197 · Low Profile ChipLED HSMT-C197 · Low Profile ChipLED HSML-C197 · Low Profile ChipLED HSML-C177 · Low Profile ChipLED HSMG-C197 · Low Profile ChipLED HSMD-C197 · Low Profile ChipLED HSMD-C177 · Low Profile ChipLED HSMC-C197 · Low Profile ChipLED HSMC-C177 · Low Profile ChipLED HSMA-C197 · Low Profile ChipLED HSMA-C177 · Low Profile ChipLED HSMG-C177 · Low Profile ChipLED HSMS-C197 · Low Profile ChipLED HSMS-C177 · Low Profile ChipLED
|
Avago Technologies, Ltd. 发光二极 Agilent (Hewlett-Packard)
|
GP400LSS12 |
Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 10uF; Voltage: 160V; Case Size: 18x20 mm; Packaging: Bulk 400 A, 1200 V, N-CHANNEL IGBT Single Switch IGBT Module
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
IHLP-1616AB-01 |
Low Profile, High Current Inductor
|
Vishay Siliconix
|
ATS1379-ND |
Low Profile, High Performance Cooling
|
Advanced Thermal Solutions, Inc.
|