PART |
Description |
Maker |
FRD4812 FRD515 FRD512 FRD FRD1212 FRD1215 FRD2412 |
2-OUTPUT 5 W DC-DC REG PWR SUPPLY MODULE DUAL OUTPUT/ 5 WATT DUAL OUTPUT, 5 WATT 双输出,5瓦特
|
POWER-ONE INC POWER-ONE[Power-One] Switchcraft, Inc.
|
HAD030TGE- HAD030ZGE- HAD030TGE-A HAD030ZGE-A HAD0 |
DUAL OUTPUT, 30 WATT 双输出,30 DUAL OUTPUT 30 WATT 2-OUTPUT 30 W DC-DC REG PWR SUPPLY MODULE
|
Unisonic Technologies Co., Ltd. POWER-ONE[Power-One] POWER-ONE INC
|
HCS361 HCS361-SN HCS361-P HCS361-ISN |
IC CONV AC/DC -5V 500MA SIP12 IC AC/DC CONV 12V 350MA SIP12 IC CONV AC/DC -5V 100MA SIP9 IC CONV AC/DC -12V 90MA SIP9 而Keeloq跳码编码
|
Microchip Technology Inc. Microchip Technology, Inc.
|
EWD505 EWD EWD512 EWD1205 EWD1212 EWD1215 EWD515 |
DUAL OUTPUT, 5 WATT DUAL OUTPUT/ 5 WATT DUAL OUTPUT, 5 WATT 双输出,5瓦特
|
POWER-ONE[Power-One]
|
HBD060ZGE-A HBD060YGE-A HBD HBD040YED-A HBD040YGE- |
T1/E1 Transformer 2-OUTPUT 60 W DC-DC REG PWR SUPPLY MODULE HBD SERIES - DUAL OUTPUT/ 60 WATT HBD SERIES - DUAL OUTPUT, 60 WATT
|
POWER-ONE INC POWER-ONE[Power-One] Power-One, Inc.
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP30-241.5SEW06 RP30-483.3SEWN RP30-2405SEW RP30-2 |
30 Watt Single & Dual Output 30瓦单 30 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MPD6D113S MPD6D118S |
CONV DC/DC 15W 1.5VOUT 5.2A SMT 1-OUTPUT 7.8 W DC-DC REG PWR SUPPLY MODULE CONV DC/DC 15W 5.0VOUT 3A SMT 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE
|
Murata Manufacturing Co., Ltd.
|
RJZ-3.33.3SHP RJZ-123.3S RJZ-053.3D RJZ-053.3DH RJ |
2 Watt DIP14 Single & Dual Output 2瓦特DIP14 2 Watt DIP14 Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
R12P23.3D R09P23.3D R05P212D R09P205D R09P205S R09 |
2 Watt SIP 7 Single & Dual Output 2 Watt SIP 7 Single & Dual Output 2瓦特的SIP 7
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RP40-1212SG RP40-121.8SG RP40-122.5SG RP40-121.5SG |
40 Watt Single, Dual, Positive Dual & Triple Output 40瓦单,双,正 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Wire Size (AWG):26 RoHS Compliant: No D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Mounting Type:Jackscrew; Wire Size (AWG):26 40 Watt Single, Dual, Positive Dual & Triple Output 40 Watt Single Dual Positive Dual & Triple Output DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|