PART |
Description |
Maker |
TC1268 TC1268-2.5VOA TC1268-2.5VOATR |
The TC1268 is a fixed output, fast turn-on, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically ... 500mA Fixed Output / Fast Response CMOS LDO with Shutdown 500mA Fixed Output, Fast Response CMOS LDO with Shutdown
|
Microchip Technology Inc.
|
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P |
VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
Bourns, Inc.
|
BD00GA5WEFJ-E2 BD30GA5WEFJ BDJ2GA5WEFJ-E2 BD90GA5W |
500mA Variable Output LDO Regulators 500mA Fixed Output LDO Regulators
|
ROHM
|
MCR01PZPZF1602 MCR01PZPZF7501 BD10IA5WEFJ-E2 BD12I |
500mA Variable Fixed Output LDO Regulators
|
Rohm
|
BD12KA5FP BD10KA5WFP BD10KA5WFP-E2 BD00KA5WFP BD15 |
500mA Variable/Fixed Output LDO Regulators
|
ROHM
|
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
SP6205EM5 SP6205EM5-1-8 SP6203EM5-2-7/TR SP6205EM5 |
Low Noise, 300mA and 500mA CMOS LDO Regulators 2.7 V FIXED POSITIVE LDO REGULATOR, PDSO5 MO-178AA, SOT-23, 5 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, DSO8
|
Sipex Corporation NXP Semiconductors N.V.
|
MIC5239-3.0BM MIC5239-3.0BMM MIC5239-3.0BS MIC5239 |
Low Quiescent Current 500mA 渭Cap LDO Regulator Low Quiescent Current 500mA μCap LDO Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8
|
Micrel Semiconductor MICREL INC
|
R1170H301B R1170H301B-T1 R1170H301B-T2 R1170H301B- |
800mA LDO REGULATOR 800mA LDO REGULATOR 1.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.1 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 CAPS, COAX CONNECTOR; SC MALE CAP (WITH CHAIN); SC MALE CAP (WITH CHAIN) 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, DSO6 800mA LDO REGULATOR 800mA的LDO稳压 800mA LDO REGULATOR 2.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.9 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.8 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 VOLT REG POS 4V 100MA SMD TO-243 CABLE 10COND 24AWG UNSHLD UL2464
|
RICOH electronics devic... RICOH COMPANY LTD Ricoh Co., Ltd. RICOH[RICOH electronics devices division]
|
BA033CC0WT BA033CC0WFP BAJ2DD0WHFP BAJ2DD0WT BA09C |
Standard Fixed Output LDO Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, SFM3
|
Rohm
|
|