PART |
Description |
Maker |
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BA00CC0WFPWT-V5 BA00CC0WFP BA00CC0WT BA00CC0WWT |
35V MAX Variable Output LDO Regulator 35V的最大可变输出LDO稳压 Regulator LSIs > Low drop-out regulator with shut-down function
|
Electronic Theatre Controls, Inc. Rohm CO.,LTD. ROHM[Rohm] ETC http://
|
TCKIV475DT |
4.7UF, 10%, 35V, TANTALUM CAP, TANT, 35V, 2917 CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT, 2916
|
Cal-Chip Electronics
|
LT1575CN8-2.8 LT1577CS-ADJ/ADJ LT1575CS8-3.5 LT157 |
Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed CAP ELECT 22UF 35V HC SMD 3.3 V FIXED POSITIVE LDO REGULATOR, PDIP8 CAP 3.3UF 50V ELECT VS BI-POLAR 2.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection CAP ELECT 220UF 35V HC SMD CAP 100UF 10V ELECT TG SMD CAP 220UF 10V ELECT TG SMD Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:19; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No CAP ELECT 47UF 25V HC SMD
|
http:// Linear Technology, Corp. 固定正电压单路输出LDO稳压 Linear Technology Corporation
|
MIC37252BR MIC37252BU MIC37252 |
2.5A, Low Voltage UCap LDO Regulator 2.5A Low Voltage UCap LDO Regulator 2.5A/ Low Voltage UCap LDO Regulator 2.5A, Low Voltage UCap LDO Regulator 1.24 V-5.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor, Inc.
|
279.400 279.4 279.6 278.3 279.001 279.002 279.062 |
MICRO fuse, very fast-acting type. Plug-in. Ampere rating 3/10. Nominal resistance cold 1.25 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/8. Nominal resistance cold 1.0 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 3. Nominal resistance cold 0.0275 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/10. Nominal resistance cold 1.25 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 2 Nominal resistance cold 0.0425 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 7/10. Nominal resistance cold 0.324 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/500. Nominal resistance cold 2200 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 1. Nominal resistance cold 0.0880 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 5. Nominal resistance cold 0.0156 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1 1/2. Nominal resistance cold 0.0578 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/64. Nominal resistance cold 44.0 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 3/4. Nominal resistance cold 0.293 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/32. Nominal resistance cold 16.0 Ohms. Voltage rating 125. Military QPL type (FM02). Axial Lead and Cartridge Fuses 轴向引线保险丝和墨盒 MICRO fuse, very fast-acting type. Plug-in. Ampere rating 4/10. Nominal resistance cold 0.227 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 8/10. Nominal resistance cold 0.271 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/16. Nominal resistance cold 2.32 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 1 1/2. Nominal resistance cold 0.0578 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1. Nominal resistance cold 0.0880 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 1 Nominal resistance cold 0.0880 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 4. Nominal resistance cold 0.0202 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/100. Nominal resistance cold 80.0 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/200. Nominal resistance cold 280.0 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 2. Nominal resistance cold 0.0425 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 2. Nominal resistance cold 0.0425 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Radial lead. Ampere rating 3. Nominal resistance cold 0.0275 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Radial lead. Ampere rating 4. Nominal resistance cold 0.0202 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/20. Nominal resistance cold 3.20 Ohms. Voltage rating 125. Military QPL type (FM02). Axial Lead and Cartridge Fuses
|
LITTELFUSE[Littelfuse] Littelfuse, Inc. http://
|
2SA1797 |
Low saturation voltage. VCE(sat)=-0.35V(Max.) at IC / IB=-1A/-50mA.
|
TY Semiconductor Co., Ltd
|