PART |
Description |
Maker |
ADD-5510 ADD-55A ADD-55B |
55W Dual Output with Battery Charger(USP Function)
|
Mean Well Enterprises Co., Ltd. Mean Well Enterprises Co., ...
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
SIP12502DMP-20-E3 SIP12502DMP-33-E3 SIP12502DMP-50 |
500 mA - Fixed Output Boost Converter for Single or Dual Cell 0.5 A BATTERY CHARGE CONTROLLER, 375 kHz SWITCHING FREQ-MAX, DSO6
|
http:// Vishay Siliconix
|
LTC3550-1 LTC3550EDHC-1TRPBF LTC3550-1-15 |
Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.3 A BATTERY CHARGE CONTROLLER, 1800 kHz SWITCHING FREQ-MAX, PDSO16 Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
|
http:// Linear Technology, Corp.
|
ADP3801 ADP3801AR ADP3802 ADP3802AR |
500 kHz, High Frequency Switch Mode Dual Li-Ion Battery Charger 200 kHz, High Frequency Switch Mode Dual Li-Ion Battery Charger High Frequency Switch Mode Dual Li-Ion Battery Chargers
|
AD[Analog Devices]
|
LTC3552-1 LTC3552EDHC-1TRPBF LTC3552-1-15 |
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.6 A BATTERY CHARGE CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO16
|
http:// Linear Technology, Corp.
|
FEC40-12T3315 FEC40 FEC40-12D12 FEC40-12D15 FEC40- |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 提供单,双,双阳性(总输出电A)及三路输出
|
Electronic Theatre Controls, Inc. ETC[ETC] Power Mate Technology
|
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
2SK1974 2SK1976 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| N沟道| 450V五(巴西)直| 5A条(丁)|20VAR
|
Hitachi,Ltd.
|