PART |
Description |
Maker |
AD8004 AD8004AN AD8004AR-14 AD8004AR-14-REEL AD800 |
Quad 3000 V/s 35mW Current Feedback Amplifier Quad 3000 V/us, 35 mW Current Feedback Amplifier REMOVAL TOOL CONNECTOR
|
AD[Analog Devices] Analog Devices, Inc.
|
UPC324GR5-9LG-E1-A UPC324GR5-9LG-E2-A |
QUAD OP-AMP, 3000 uV OFFSET-MAX, PDSO14
|
|
LT1813HVCS8 LT1813HVIS8 LT1814CGN LT1814IGN LT1813 |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/刁 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/庐 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/? Operational Amplifiers
|
Linear Technology, Corp.
|
SMLJ6.5 SMLJ7.5A SMLJ6.0A SMLJ6.5A SMLJ8.0 SMLJ8.5 |
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 740740201 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Components Corp. Micro Commercial Components, Corp. Micro Commercial Compon...
|
MM74HC175 MM74HC175M MM74HC175MTC MM74HC175N MM74H |
Quad D-Type Flip-Flop With Clear Zener Diode 225 mW 33 V ±5%SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
PE4210 PE4210-EK 4210-52 4210 4210-00 4210-21 4210 |
SPDT UltraCMOS?/a> RF Switch DC - 3000 MHz SPDT UltraCMOSRF Switch DC - 3000 MHz SPDT UltraCMOS RF Switch DC - 3000 MHz SPDT UltraCMOS⑩ RF Switch DC - 3000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
CS1250-16IO1 CS1250 CS1250-12IO1 CS1250-14IO1 |
Phase Control Thyristor 3000 A, 1600 V, SCR Phase Control Thyristor 3000 A, 1400 V, SCR Phase Control Thyristor 3000 A, 1200 V, SCR
|
IXYS, Corp. IXYS[IXYS Corporation]
|
3KP170 3KP170A 3KP100A 3KP5.0A 3KP6.0A 3KP10 3KP11 |
Ppk=3000W, Vc=196V transient voltage suppressor KJL SERIES I 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Connector,D-Shell,PCB Mnt,PLUG,15 Contacts,SKT,0.050 Pitch,PC TAIL Terminal,#2-56 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 3000Watts Transient Voltage Suppressor 5.0 to 170 Volts 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Ppk=3000W, Vc=214V transient voltage suppressor Ppk=3000W, Vc=209V transient voltage suppressor
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
3SMC8.5A 3SMC8.0A 3SMC85A 3SMC6.0A 3SMC6.5A 3SMC60 |
SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS/ 5.0 THRU 170 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
2SD882 2SD882G-X-T60-K 2SD882G-X-T6C-K 2SD882G-X-T |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-252 3000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-251
|
UNISONIC TECHNOLOGIES CO LTD
|
NHP-1000 |
High Pass Filter 50Ω 1000 to 3000 MHz High Pass Filter 50惟 1000 to 3000 MHz High Pass Filter 50楼? 1000 to 3000 MHz
|
Mini-Circuits
|
3KP7.5C 3KP8.5A 3KP7.0A |
3000 W, BIDIRECTIONAL, SILICON, TVS DIODE 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Littelfuse, Inc. Microsemi, Corp.
|
|