PART |
Description |
Maker |
ED2-3NJ |
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
|
NEC
|
475CKE400MFH |
Small Size - High Voltage - General Purpose
|
Illinois Capacitor, Inc...
|
336CKS200MLU 477CKS200MLCD 224CKR050M 335CKS400MJM |
Small size - High voltage - General purpose
|
Illinois Capacitor, Inc...
|
BY359X-1500 BY359X-1500S |
Damper diode fast/ high-voltage SCREWDRIVER, SENSO SLOT 3.0 X 75SCREWDRIVER, SENSO SLOT 3.0 X 75; Tip Size A x B:3 x 0.5mm; Tip size:3mm; Length, blade:75mm; Length, Inches:3"; Handle type:COLOUR CODED; Tip Size:3 mm; Tip type:Parallel Slot 1500 V, SILICON, RECTIFIER DIODE DAMPER DIODE FAST, HIGH-VOLTAGE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
BM2450K0603AT |
nullSurface mount matched balun with a small size of 1.6 x 0.8 x 0.6 mm (0603 size), RoHS compliant.
|
Frontier Electronics.
|
2SD1619 |
Very small size making it easy to provide highdensity,small-sized hybrid IC’s.
|
TY Semiconductor Co., Ltd
|
157AVG063MGBJ 397AVG035MGBJ 126AVG160MGBJ 337AVG01 |
Small Size - High Temperature ?Low ESR ?High Ripple Current ?Stable with Temperature ?High Frequency
|
Illinois Capacitor, Inc...
|
2SB1119 |
Very small size making it easy to provide highdensity, small-sized hybrid ICS
|
TY Semiconductor Co., Ltd
|
ELC10E330L ELC10E331L ELC10E332L ELC10E272L ELC12E |
Choke Coils Pin terminal inductors featuring small size and high performance Choke Coils Pin terminal inductors featuring small size and high performance
|
Panasonic Semiconductor
|
DDTA143FUA-7 DDTA113ZUA-7 DDTA144WUA-7 DDTA114YUA- |
Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 100uF; Voltage: 16V; Case Size: 8x7 mm; Packaging: Bulk Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 进步党预偏置信号小的SOT - 323表面贴装晶体
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|