PART |
Description |
Maker |
MAX7572 |
Complete High Speed CMOS 12Bits ADC(?????伎渭s,甯?????12浣?DC)
|
Maxim Integrated Products, Inc.
|
AD1377JD AD1376 AD1376JD AD1376KD AD1377 AD1377KD |
Complete, High Speed 10 s to 16-Bit A/D Converter Complete, High Speed 16-Bit A/D Converters Complete/ High Speed 16-Bit A/D Converters Complete, High Speed 16-Bit A/D Converters
|
http:// Analog Devices
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
AT27BV256-90TI AT27BV256 AT27BV256-12JC AT27BV256- |
High Speed CMOS Logic Dual 4-Stage Binary Counters 14-SOIC -55 to 125 32K X 8 OTPROM, 150 ns, PDSO28 High Speed CMOS Logic Dual 4-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input NOR Gates 14-PDIP -55 to 125 256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BC858C Q62702-C1773 Q62702-C1774 BC856-BC860 Q6270 |
From old datasheet system PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-PDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-PDIP -55 to 125
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|
AD53040 AD53040KRP AD53040G |
HIGH SPEED DRIVERS: Complete high speed pin driver Ultrahigh Speed Pin Driver with Inhibit Mode
|
AD[Analog Devices]
|
ADM222 ADM242 ADM232A ADM222AARN ADM222AARW |
Nominal:5V; high-speed; 400mW; CMOS RS-232 driver/receiver. For computers, peripherals, modems, printers, instruments Part of a family of high speed RS-232 line drivers/receivers offering transmission rates up to 200 kB/s High Speed, 5V, 0.1 F CMOS RS-232 200kBPS Transceiver with 2 Drivers, 2 Receivers, Shutdown and Enable Pins High Speed, 5V, 0.1 F CMOS RS-232 Transceiver with 2 Drivers, 2 Receivers, 200kBPS Data Rate and a Shutdown Pin
|
Analog Devices
|
ICE2A0XXX Q67040-S4542 Q67040-S4546 Q67040-S4541 Q |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-PDIP -55 to 125 High Speed CMOS Logic Hex Inverting Buffers 16-SO -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-SO -55 to 125 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 离线式开关电源电流模式控制器,集成了650V / 800V的的CoolMOS
|
Infineon Technologies AG
|
BC847C BC847A BC846A BC846B BC847B BC848B BC848C B |
NPN SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-PDIP -55 to 125 High Speed CMOS Logic Dual 4-Input Multiplexers 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
74HC21 74HCT21 74HC_HCT21 74HC_HCT21_CNV_2 74HCHCT |
From old datasheet system Dual 4-input AND gate IC TTL CMOS HIGH SPEED N/DIP14 IC HIGH SPEED CMOS LOGIK N/DIP14
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
W26020A W26020A-20 W26020A-25 W26020AT-20 W26020AT |
128K X 16 High Speed CMOS Static RAM 128K x 16 HIGH-SPEED CMOS STATIC RAM From old datasheet system 128K×16bit High-Speed CMOS Static RAM(128K×16位高速CMOS静态RAM) 128K的16位高速CMOS静态RAM28K的16位高速的CMOS静态RAM)的 128K X 16 High Speed CMOS Static RAM 128K的16高速CMOS静态RAM
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
BC858C BC856B BC857A BC857C BC857B BC858B BC856A B |
High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter 16-SOIC -55 to 125 PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
|
Transys Electronics Ltd. TRSYS[TRSYS]
|