PART |
Description |
Maker |
LTC1778 LTC1778-1 |
Wide Operating Range, No RSENSE Step-Down Controller Wide Operating Range, No Rsense Step-Down Controller Wide Operating Range, No RSENSE Step-Down Controller
|
LINER[Linear Technology]
|
ACT2102 ACT2102SH-T ACT2102-14 |
Wide 4.5V to 18V Operating Input Range
|
Active-Semi, Inc
|
LTC1909-8-15 |
Wide Operating Range, No RSENSE Step-Down DC/DC Controller with SMBus Programming
|
Linear Technology
|
KS57P21832 |
CMOS technology provides for low power consumption and a wide operating voltage range.
|
Samsung semiconductor
|
LT3740 |
Wide Operating Range, Valley Mode, No RSENSE Synchronous Step-Down Controller
|
Linear Technology
|
MAX15026 |
Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
|
Maxim Integrated Products, Inc.
|
LTC4222 LTC1422 LTC1421 LTC4210 LTC4211 LTC1647 LT |
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
|
Linear Technology
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
DN6847TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
DN6845S |
Hall IC (Operating Supply Voltage Range Vcc=3.6 to 16V, Operating in One Way Magnetic Field)
|
Panasonic
|
MB3800 |
Wide supply voltage operating range: 1.8 to 15 V
|
First Components Intern...
|