PART |
Description |
Maker |
EL5235IS-T7 EL5134_06 EL5134IS EL5134IS-T13 EL5134 |
650MHz, Gain of 5, Low Noise Amplifiers
|
http:// INTERSIL[Intersil Corporation]
|
EDI88512CA17MBRP EDI88512CA17MCRP EDI88512CA17MIRP |
100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R x8的SRAM 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Channel TFT-LCD Reference Voltage Generator with External Shutdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R 12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R x8 SRAM 100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8SRAM
|
Moeller Electric, Corp. Atmel, Corp.
|
LT6557 LT6557CDHC LT6557IDHC LT6557IGN LT6557CGNPB |
500MHz, 2200V/µs Gain of 2, Single Supply Triple Video Amplifier with Input Bias Control; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 3 CHANNEL, VIDEO AMPLIFIER, PDSO16 500MHz, 2200V/μs Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control 500MHz, 2200V/楼矛s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control 500MHz, 2200V/レs Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
|
Linear Technology, Corp.
|
AD8185ARUZ-REEL7 |
310 MHz, 25 mA, Triple 2:1, Buffered (Gain = 2) Multiplexer; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial TRIPLE 2-CHANNEL, VIDEO MULTIPLEXER, PDSO24 380 MHz, 25 mA, Triple 2:1 Multiplexers
|
Analog Devices, Inc.
|
LT6556 LT6556CGN LT6556CUF LT6556IGN LT6556IUF LT6 |
750MHz Gain of 1 Triple 2:1Video Multiplexer; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 85°C TRIPLE 1-CHANNEL, VIDEO MULTIPLEXER, PDSO24 750MHz Gain of 1 Triple 2:1Video Multiplexer; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C TRIPLE 1-CHANNEL, VIDEO MULTIPLEXER, PDSO24 750MHz Gain of 1 Triple 2:1Video Multiplexer; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 85°C TRIPLE 1-CHANNEL, VIDEO MULTIPLEXER, PQCC24
|
Linear Technology, Corp.
|
MAX2608 MAX2607 MAX2606 MAX2608EUT-T MAX2606EUT-T |
45MHz to 650MHz.Integrated IF VCOs with Differential Output "45MHz to 650MHz, Integrated IF VCOs with Differential Output"
|
Maxim Integrated Products, Inc.
|
MAX2607EUT MAX2605EUT-T MAX2606EUT-T |
45MHz to 650MHz, Integrated IF VCOs with Differential Output
|
Maxim Integrated Products Maxim Integrated Produc...
|
5962-9306802HXC 5962-9306802HXA |
Triple and Quad, 2:1 Video Multiplexer-Amplifiers with Fixed and Settable Gain DC至DC转换
|
Bourns, Inc.
|
LM2476 |
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
|
http://
|
AMC2244DM AMC2244DMF AMC2244 AMC2244M AMC2244MF AM |
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
|
ADDtek Corp
|
MAX2021ETX MAX2021ETXT MAX202113 |
High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
|
Maxim Integrated Products
|
MSA-2643-T |
5V Fixed Gain Amplifier, 10 Dbm, Ideal For Small-signal Gain Stages
|
AGILENT
|