PART |
Description |
Maker |
DFE18SANR24MG0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
PM3308-151M |
Inductor; Series:PM3308; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.5A; DC Resistance Max:1.2ohm; Leaded Process Compatible:No
|
BOURNS INC
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
BOURNS INC Bourns Electronic Solut...
|
PM1812-221J-RC PM1210-470J-RC PM1812-470J-RC PM181 |
SMT Chip Inductors SMD Inductor; Series:PM1210; Inductance:10uH; Inductance Tolerance: /- 5 %; Q Factor:30; Self Resonant Frequency:36MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:150mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1812; Inductance:3.3uH; Inductance Tolerance: /- 5 %; Q Factor:50; Self Resonant Frequency:45MHz; Terminal Type:PCB Surface Mount; Current Rating:335mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1210; Inductance:1.5uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:85MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:370mA; Leaded Process Compatible:Yes
|
Bourns Electronic Solutions BOURNS INC
|
PM105-271K-RC PM105-151K-RC |
Power Inductor; Series:PM105; Inductance:270uH; Inductance Tolerance: /- 10 %; Self Resonant Frequency:4MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.57A; DC Resistance Max:0.97ohm Power Inductor; Series:PM105; Inductance:150uH; Inductance Tolerance: /- 10 %; Self Resonant Frequency:5MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.78A; DC Resistance Max:0.47ohm
|
BOURNS INC
|
HR30-6R-6S HR30-6R-6PC HR30-6RA-6SD HR30-6J-10P HR |
Inductor; Inductor Type:High Frequency; Inductance:4.7nH; Inductance Tolerance: 10 %; Current Rating:500mA; Series:IFC; Package/Case:0805; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape RoHS Compliant: Yes 微型防水塑料连接 0.5 in Diameter, 200mA Single Deck Rotary Switch 微型防水塑料连接 Miniature Waterproof Plastic Connectors 微型防水塑料连接 Inductor; Series:IFC; Inductance:3.9nH; Inductance Tolerance: /- 10 %; Q Factor:15; Self Resonant Frequency:9GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Current Rating:500mA; Leaded Process Compatible:Yes Inductor; Inductor Type:High Frequency; Inductance:8.2nH; Inductance Tolerance: 5 %; Current Rating:500mA; Series:IFC; Package/Case:0603; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
http:// Airborn, Inc. HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
HNC1-2.5P-12DSL HNC2-2.5P-10DS HNC2-2.5P-10DSL HNC |
2.5mm Pitch Connector for Discrete Wire Connection 2.5毫米间距连接线连接离 RESISTOR 2.4 OHM .5W CARB COMP 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Tape And Reel 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape INDUCTOR 2525CZ 0.47 UH 20% LOW PROFILE HIGH CURRENT Inductor; Inductor Type:High Frequency; Inductance:2.2uH; Inductance Tolerance: 20 %; Current Rating:8A; Series:IHLP-2525CZ; Package/Case:PCB Surface Mount; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
AH283 AH283Z-YLA AH283A-P AH283A-PA AH283A-PLA AH2 |
HALL-EFFECT SMART FAN MOTOR CONTROLLER Inductor; Inductor Type:Power; Inductance:820uH; Inductance Tolerance: /- 20 %; Series:DR; DC Resistance Max:1.47ohm; Package/Case:PCB Surface Mount; Core Material:Ferrite; Current, It rms:0.65A; Leaded Process Compatible:Yes RoHS Compliant: Yes INDUCTOR,68UH,20%,12.5X10MM,SMD
|
ANACHIP[Anachip Corp]
|
2316-H 2305-H |
INDUCTOR TORD HI AMP 220UH HORZ 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:16.4A; DC Resistance Max:0.007ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
3M Company BOURNS INC
|