PART |
Description |
Maker |
CHTA42LPT |
High Voltage NPN Transistor VOLTAGE 300 Volts CURRENT 500 mAmpere
|
List of Unclassifed Manufacturers ETC[ETC]
|
HTDR-3 |
300 NANOSECOND AT HIGH TEMPERATURE- FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
|
Electronic devices inc.
|
MAX1976 MAX1976ETT MAX1976EZT MAX1963 MAX1963ETT M |
0.75 V, low-input-voltage, 300 mA LDO regulator with RESET 2.50 V, low-input-voltage, 300 mA LDO regulator with RESET Low-Input-Voltage, 300mA LDO Regulators with RESET-bar in SOT and TDFN Low-Input-Voltage / 300mA LDO Regulators with RESETin SOT and TDFN Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN 低输入电压,300mA的LDORESETin SOT和TDFN封装稳压 1.2 V, low-input-voltage, 300 mA LDO regulator with RESET 3.0 V, low-input-voltage, 300 mA LDO regulator with RESET 2.5 V, low-input-voltage, 300 mA LDO regulator with RESET 2.85 V, low-input-voltage, 300 mA LDO regulator with RESET 1.0 V, low-input-voltage, 300 mA LDO regulator with RESET
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
VE0603K300R014 |
Varistors, VE, Low Voltage High Temperature, 18 V, 14 VAC, 22 V, 40 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
|
Kemet Corporation
|
CDEP135BMENP-0R55M |
POWER INDUCTORS Ceramic Conformally Coated/Radial High Voltage Gold Max"; Capacitance: 1pF; Voltage: 500V; Tolerance: ±20%; TC: C0G; Body Size: .370" (9.40) x .300" (7.62) x .250" (6.35); Lead Style: .275" (6.98)
|
SUMIDA CORPORATION.
|
AD9751-EB AD9751AST |
10-Bit, 300 MSPS High-Speed TxDAC D/A Converter PARALLEL, WORD INPUT LOADING, 0.011 us SETTLING TIME, DAC WITH PROGRAMMABLE PLL, PQFP48 10-Bit/ 300 MSPS High-Speed TxDAC D/A Converter
|
Analog Devices, Inc.
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
NTE2412 |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
BF820W |
Low current (max. 50 mA) High voltage (max. 300 V).Collector current IC 50 mA
|
TY Semiconductor Co., Ltd
|
APT5030AVR |
POWER MOS V 500V 14.7A 0.300 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
APT8030B2VR |
POWER MOS V 800V 27A 0.300 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
|