PART |
Description |
Maker |
AM29LV017D-120WCI AM29LV017D-120EC AM29LV017D-120W |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:DPAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On-Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Continuous Drain Current - 100 Deg C:66A; Continuous Drain Current - 25 Deg C:93A RoHS Compliant: Yes x8 Flash EEPROM 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x8闪存EEPROM
|
Advanced Linear Devices, Inc.
|
IRFF120 IRFF121 IRFF122 IRFF123 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 50V. Continuous drain current 6.0A. N-CHANNEL ENHANCEMENT-MODE POWER MOS FIELD-EFFECT TRANSISTORS
|
General Electric Solid State GE Solid State
|
ST662 ST662A ST662AB ST662ABD ST662ABN ST662AC ST6 |
From old datasheet system DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:14A; On-Resistance, Rds(on):9mohm; Rds(on) Test
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AMS5010KT AMS5010JT AMS5010NT AMS5010LN AMS5010HN |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:40A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No 1.2V的电压基 1.2V VOLTAGE REFERENCE 1.2V的电压基
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
24C16 ST25C16 ST25C16B1TR ST25C16B3TR ST25C16B5TR |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-6.4A; Package/Case:PowerPAK 1212-8 16千位串行I2C总线的EEPROM与用户定义的块写保护 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16千位串行I2C总线的EEPROM与用户定义的块写保护 MOSFET, DUAL NN POWERPAKMOSFET, DUAL NN POWERPAK; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:100V; Case style:PowerPak SO-8; Current, Id cont:1.8A; Current, Idm pulse:10A; Power, Pd:1.3W; Resistance, Rds MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.6A; On-Resistance, Rds(on):0.065ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:MICRO FOOT; Leaded Process Compatible:No MOSFET, DUAL, PP, POWERPAK; Transistor type:MOSFET; Current, Id cont:7A; Resistance, Rds on:0.02R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak; Charge, gate p channel:49nC; Current, Idm pulse:30A; Depth, RoHS Compliant: Yes (ST2xxx) 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16/8/4/2/1KbitSerialICBusEEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2SK845 |
Drain Current ?ID=5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1662 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1603 |
Drain Current ?ID= 2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK529 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|
2SK996 |
Drain Current ?ID=4A@ TC=25C
|
Inchange Semiconductor ...
|