PART |
Description |
Maker |
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2Z P8SG-0505Z P8SG-053R6Z P8SG-1205Z P8SG |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
NSD10-48D15 NSD10-12D15 NSD10-12D5 NSD10-48D12 |
10W DC-DC Regulated Dual Output
|
Mean Well Enterprises C...
|
IT2403SA IT2405S IT2405SA IT2412S IT2415S IT2412SA |
Regulated Single & Dual Output
|
XP Power Limited
|
DCW03 DCW03A-05 DCW03A-12 DCW03A-15 DCW03B-05 DCW0 |
3W DC-DC Regulated Dual Output Converter
|
Mean Well Enterprises Co., Ltd.
|
DCW05B-05 DCW05B-12 DCW05B-15 DCW05A-12 DCW05A-15 |
5W DC-DC Regulated Dual Output Converter
|
Mean Well Enterprises Co., Ltd.
|
P10TG-4812Z21H35M P10TG-1205Z21H35M P10TG-1212Z21H |
3.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
P10SG-2412ZM P10SG-0505ZM P10SG-0512ZM P10SG-1205Z |
1 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
RR7-2403D05AX RR7-2403S05AX RR7-2405D05AX RR7-2405 |
5 Watt 4:1 regulated single & dual output
|
RSG Electronic Componen...
|
DKE10A-12 DKE10A-15 DKE10A-24 DKE10A-05 DKE10C-12 |
10W DC-DC Regulated Dual Output Converter
|
Mean Well Enterprises Co., Ltd.
|
P26TG-4815Z21 P26TG-1205Z21 P26TG-1212Z21 P26TG-24 |
1.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|