PART |
Description |
Maker |
N74F776A N74F776N I74F776N I74F776A 74F776 74F776_ |
From old datasheet system 16-Bit Ultra-Low-Power MCU, 24kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-VQFN -40 to 85 Pi-bus transceiver
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
STM8L162M8 |
Ultra-low-power 8-bit MCU with 64 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
STMicroelectronics N.V.
|
SI1013-A-GM SI1010-A-GM SI1015-A-GM SI1011-A-GM SI |
Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
|
Silicon Laboratories http://
|
STM32L011K3 STM32L011G4 STM32L011K4 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
|
STMicroelectronics
|
MAX5510 MAX5511ETC MAX5510ETC MAX5510ETCT MAX5511 |
1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs SERIAL INPUT LOADING, 660 us SETTLING TIME, 8-BIT DAC, QCC12 1.8V to 5.5V. Ultra-Low-Power. 8-Bit. Voltage-Output DACs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
C8051F901 C8051F902 C8051F980 C8051F981 C8051F982 |
25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU
|
Silicon Laboratories
|
C14-5-20-SERIES C4-5-20-SERIES C5-1-01-SERIES C8-1 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN Decade counter/divider 4X7W OR 2X22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY Dual D type flip flop with preset and clear DUAL 2-INPUT NAND BUFFER/DRIVER MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output "nano" accelerometer LOW DROP POWER SCHOTTKY RECTIFIER QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER MEMS inertial sensor: 3-axis - ± 2g/± 6g linear accelerometer 4 bit D type latch DUAL 64-STAGE STATIC SHIFT REGISTER HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Single buffer 16-bit low voltage ROMless MCU MEMS inertial sensor: 2-axis - /- 2g/6g ultracompact linear accelerometer Turboswitch - ultra-fast high voltage diode Single inverter (open drain) DUAL MONOSTABLE MULTIVIBRATOR 14 stage binary counter Very low drop voltage regulators with inhibit and dropout control flag AC LINE SWITCH Digital temperature sensor and thermal watchdog MEMS inertial sensor: 3-axis - ± 2g/± 6g linear accelerometer 接口IC ST7262 - LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI 接口IC 8-BIT ADDRESSABLE LATCH
|
ON Semiconductor
|
ST72T631K1B0 ST72T631K1B1 ST72T631K1D0 ST72T631K1D |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
FIN424C FIN424CMLX FIN425CMLX FIN425C |
20-Bit Ultra-Low Power Deserializer Supporting uController and RGB Displays 20-Bit Ultra-Low-Power Serializer / Deserializer for μController and RGB Displays
|
Fairchild Semiconductor
|
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
CS5534-AS CS5534-BS CS5531-AS CS5532-BS CS5533 CS5 |
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA 16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA 4-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24 16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA 16位和24位ADC与超低噪PGIA
|
CRYSTAL SEMICONDUCTOR CORP CIRRUS LOGIC INC Cirrus Logic, Inc.
|