PART |
Description |
Maker |
ST485ACDR |
Very high speed low power RS-485/RS-422 transceiver 极高速低功RS-485/RS-422收发
|
STMicroelectronics N.V.
|
ISL4491EIB-T ISL4489EIB ISL4489EIB-T ISL4489EIBZ I |
15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ISL81487L ISL81487LIB-T ISL81487LIBZ-T ISL81487LIB |
5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 5kV的ESD保护 / 8单位负载V,低功耗,高速或摆率限制,RS-485/RS-422收发 【15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL8483E05 ISL8483ECPZ ISL8485ECBZ ISL8485ECBZ-T I |
ESD Protected to 隆戮15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ESD Protected to 【15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ESD Protected to ±15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD防护, 5V, 低功 高速或带有限斜率功能的RS-485/RS-422收发
|
INTERSIL[Intersil Corporation]
|
ISL3283E ISL3282E ISL3281E ISL3280E ISL3284E ISL32 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE RECEIVER, PDSO6 6.5kV ESD Protected, 125C, 3.0V to 5.5V, TDFN Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers 6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
|
Integrated Device Techn... Integrated Device Technology Intersil Corporation Intersil, Corp.
|
MAX3162CAI MAX3162EAI MAX3161EAG MAX3160CAP MAX316 |
3.0V to 5.5V / 1A / RS-232/RS-485/422 Multiprotocol Transceivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO24 MemoryStick(TM) Interconnect Extender Chipset 20-TSSOP -40 to 85 3.0V to 5.5V, 1レA, RS-232/RS-485/422 Multiprotocol Transceivers 3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ISL81487E ISL81487L |
±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(具备±15kV ESD防护功能/8 单位负载5V、小功率、高速或带有限斜率功能的RS-485/RS-422收发
|
Intersil Corporation
|
ST485 ST485A ST485AD ST485ADR ST485AN ST485BDR ST4 |
LOW POWER RS-485/RS-422 TRANSCEIVER
|
STMicroelectronics
|
SP3488 SP3489 SP3489CP SP3489CT SP3489EP SP3489ET |
3.3V Low Power Quad RS-485/RS-422 Line Receivers
|
SIPEX[Sipex Corporation]
|
ST490A_06 ST490ABDR ST490ABN ST490ACDR ST490ACN ST |
Low power high speed RS-485/RS-422 transceiver
|
STMICROELECTRONICS[STMicroelectronics]
|
28C010ERPGP-15 28C010ERPGP-12 28C010ERPGI-15 28C01 |
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps High-/Full-Speed USB 2.0 Switches x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM Hex SPDT Data Switch x8的EEPROM
|
Infineon Technologies AG Vishay Intertechnology, Inc. TE Connectivity, Ltd. ITT, Corp. Jameco Electronics
|
CA82C54-8MD CA82C54-8IJ CA82C54-10CP CA82C54-10CJ |
Analog Timer Circuit ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 32-bit embedded superH device 3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver DC-DC converter regulated 5 V charge pump 模拟定时器电 /-15 kV ESD protected, low power RS-485/RS-422 transceiver 模拟定时器电 MICROPOWER VFM STEP-UP DC/DC CONVERTER 模拟定时器电
|
Analog Devices, Inc. ON Semiconductor
|
|