PART |
Description |
Maker |
MPAT-584643-10151MS MPAT-584643-10153FS MPAT-58464 |
5845 MHz - 6430 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 950 MHz - 1450 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 14000 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 10.95 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 13750 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 11700 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 3800 MHz - 4100 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.3 dB INSERTION LOSS-MAX 17300 MHz - 17800 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.7 dB INSERTION LOSS-MAX 2000 MHz - 2200 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 4000 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR, 2 dB INSERTION LOSS-MAX 3100 MHz - 3500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 8000 MHz - 12000 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 18800 MHz - 19600 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 10700 MHz - 11700 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc. MITEQ INC
|
PE7336-40 |
40 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7336-3 |
3 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7221-60 |
60 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7391-1 |
1 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7391-1 PE7391-10 PE7391-15 |
3 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7391-1 PE7391-10 PE7391-2 PE7391-15 |
10 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7408-30 |
30 dB Fixed Attenuator, SMA Female To SMA Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7405-50 |
50 dB Fixed Attenuator, SMA Male To SMA Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7407-6 |
6 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7407-10 |
10 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7407-40 |
40 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|