PART |
Description |
Maker |
MVAC250-24AFD MVAC-COVER |
250W 3 x 5 High Density AC-DC Power Supply Converter 250 Watt Silicon Type Metal Package Power Transistor 250W 3 x 5 High Density AC-DC Power Supply Converter
|
Murata Power Solutions ...
|
ISPLSI2192VE-135LT128 ISPLSI2192VE-180-L-T128 ISPL |
3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD RELAY SSR 110A 240VAC AC INPUT 3.3V In-System Programmable SuperFASTHigh Density PLD
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
1024-60LH_883 ISPLSI1024-60LH_883 1024 1024-60LH/8 |
60 MHz in-system prommable high density PLD In-System Programmable High Density PLD EE PLD, 25 ns, PQCC68 :4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
HDSOLDERCUP HDVERTICAL 780-M26-113R051 780-MYY-113 |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-VERTICAL
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
PA0576 PA0526 PA0442 PA0581 |
HIGH FREQUENCY PLANAR TRANSFORMERS Prism Series (up to 250W)
|
Pulse A Technitrol Company
|
ISPLSI2192VE100LB144 ISPLSI2192VE100LB144I ISPLSI2 |
3.3V In-System Programmable SuperFAST?High Density PLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST垄芒 High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD EE PLD, 13 ns, PQFP128
|
LATTICE SEMICONDUCTOR CORP
|
RC-720 RC-720B RC-720BA |
19 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
|
BOSER Technology Co., Ltd
|
STP80N03L-06 4881 |
N-Channel Enhancement Mode "Ultra High Density" Power MOS Transistor(N沟道增强模式高密度功率MOS晶体管) N沟道增强模式“超高密度”功率MOS晶体管(不适用沟道增强模式高密度功率马鞍山晶体管) N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR From old datasheet system N - CHANNEL ENHANCEMENT MODE "ULTRA HIGH DENSITY" POWER MOS TRANSISTOR
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
ISPLSI5512VA-70LB388 ISPLSI5512VA-70LB272 ISPLSI55 |
Electrically-Erasable Complex PLD In-System Programmable 3.3V SuperWIDEHigh Density PLD In-System Programmable 3.3V SuperWIDE High Density PLD In-System Programmable 3.3V SuperWIDE?High Density PLD
|
Lattice Semiconductor Corporation
|