PART |
Description |
Maker |
UTCHE8550 HE8550-TO-92 |
PNP EPITAXIAL SILIC ON TRANSISTOR
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BCM847DS BCM847BS BCM847BV BCM847BV115 |
NPN/NPN matched double transistors; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN matched double transistors
|
NXP Semiconductors N.V.
|
PMP4201G PMP4201V PMP4201Y PMP4201Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
BC550C BC550C_RR BC549 BC549C BC550 |
TRANSISTORSOT-54
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PBSS4350SS115 |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
SDT13204 SDT1617 SDT1618 SDT1621 SDT1622 SDT1623 S |
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 10A I(C) | TO-210AC
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 125V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 10A I(C) | TO-39 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 550V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 5A I(C) | TO-3 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 40V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 80V的五(巴西)总裁| 5A条一c)|11 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 10A条一(c)|10AC TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 5A I(C) | TO-5 晶体管|晶体管|叩| 50V五(巴西)总裁| 5A条一(c)| TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管|叩| 400V五(巴西)总裁| 10A条一(c)|10AC
|
Serpac Electronic Enclosures Atmel, Corp. AUK, Corp.
|
2N1890 JAN2N1890S JAN2N1711S JANTX2N1711 |
NPN LOW POWER SILICON TRANSISTOR NPN Transistor 500 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
Microsemi Corporation MICROSEMI CORP-LAWRENCE
|
UPA804TC UPA804 UPA804TC-T1 PA804TC |
NPN Epitaxial Transisitor(NPN澶?欢?朵?绠? NPN Epitaxial Transisitor(NPN外延晶体 NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
|
NEC Corp. NEC[NEC]
|