PART |
Description |
Maker |
7825355V 78253/35M-R 78253/55M-R 78253/35MV-R 7825 |
MAX253 Compatible Converter Transformers
|
C&D Technologies
|
AD815ARB-24 AD815ARB-24-REEL AD815AVR AD815AY AD81 |
18V; 20mA; high output current differential driver. For ADSL, HDLS and VDSL line interface driver, coil or transformer driver ER 3C 3#12 SKT RECP LINE DRIVER, PDSO24
|
AD[Analog Devices] Analog Devices, Inc.
|
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
FDT0373-50 |
Driver Transformer
|
LinkCom Manufacturing Co., Ltd.
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MH1500AM MT500AM MH250AE MH250AJ MH250JE MH1000PR |
POWER TRANSFORMER, 1500 VA POWER TRANSFORMER, 500 VA POWER TRANSFORMER, 250 VA POWER TRANSFORMER, 1000 VA POWER TRANSFORMER, 750 VA
|
|
ADUM3473ARSZ ADUM3470CRSZ ADUM3474ARSZ ADUM3471CRS |
PWM Controller and Transformer Driver with Quad-Channel Isolators
|
Analog Devices http://
|
Z2603 Z2612 Z2610 Z2613 |
TRANSFORMER 6VA 2X 18V TRANSFORMER 4VA 2X 12V 12V的变压器4VA 2 TRANSFORMER 6VA 2X 24V 24V的变压器6VA TRANSFORMER 6VA 2X 12V 12V的变压器6VA 2
|
Toshiba, Corp. Lattice Semiconductor, Corp.
|
CEFD2010 |
Automotive Lighting WLED Driver Transformer Type: CEFD Series >
|
Sumida Corporation
|
ADM2485BRWZ-REEL ADM2485BRWZ ADM2485 |
HIGH SPEED ISOLATED RS-485 TRANSCEIVER WITH INTEGRATED TRANSFORMER DRIVER
|
http:// AD[Analog Devices]
|
MAX13253ATB |
1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
|
Maxim Integrated Products
|