PART |
Description |
Maker |
4016505 4006203 4006202 4006201 4665000 4565000200 |
MITRE JOINT TYPE 2 FOR S40 TEE NUTS N-M6 FOR S30 TEE NUTS N-M5 FOR S30 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100 2M LENGTH S40 CONNECTOR L FOOT M10 S40 CONNECTION FOOT M8 FOOT M12 S80 CONNECTION F40X120 2M LENGTH F100X100 CON. PLATE M12 TEE NUTS F-M4 FOR S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FR30接线 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100脚节能。板头M8 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 脚连接板M10驱 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 尖括 S30 BASE ANGLE FOR S40 底角的S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 一S80最适合切割成一定长 F40G CUT TO LENGTH F40G切成需要的长度
|
TE Connectivity, Ltd. Amphenol, Corp. Henkel Corporation / Loctite NXP Semiconductors N.V. Glenair, Inc. Avago Technologies, Ltd. Harwin PLC
|
AVR32919 |
512KBytes internal flash, 256KBytes internal RAM
|
ATMEL Corporation
|
UPD703100AGJ-33-UEN UPD703100GJ-33-UEN UPD703101AG |
ROM-less version; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 96K bytes; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 128K bytes; Internal RAM: 4K bytes Flash version; Internal flash: 128K bytes; Internal RAM: 4K bytes 32-bit RISC microcontroller (V850E/MS2:ROMless,Internal RAM: 4 KB)
|
NEC
|
MFSR156-XX |
MAS-CON IDC Connectors
|
ITW Pancon
|
6282-6SG-522 |
MINI-CON-X FIELD INSTALLABLE CONNECTORS
|
List of Unclassifed Manufacturers
|
OP954 |
PIN Sili con Pho todiode
|
OPTEK Technologies ETC Optek Technology
|
PSB2186-NV1.1 PSB2186-HV1.1 PSB2186-PV1.1 |
ISAC-S TE (ISDN Subscriber Access Con...
|
Infineon
|
100SXE15MX 100SXE18MX 63SXE39M |
Conductive Polymer Aluminum Solid Capacitors (OS-CON) SXE
|
Panasonic
|
MA3110DMRW-12RI4 MA3110DMRW-15RI4 MA3110SMRU-05RI4 |
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
|
MicroPower Direct, LLC
|
100SXV15M 100SXV18M 100SXV18MX 100SXV6R8M |
Conductive Polymer Aluminum Solid Capacitors (OS-CON) SXV
|
Panasonic
|
MD105MS-15EHI MD112MS-15EHI MD124MS-15EHI |
Miniature, 1W SIP Medical Approved DC/DC Con vert ers
|
MicroPower Direct, LLC
|