PART |
Description |
Maker |
M20-9752842 M20-9750646 M20-9750242 M20-9750246 M2 |
2.54mm Pitch SIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 28-way 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 6-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 2-way 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 2-way 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 7-way 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 3-way 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 4-way 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 5-way 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 36-way 36 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 36-way 36 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 7mm mating pin height, tin, 24-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 7mm mating pin height, tin, 17-way 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 4-way 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 7mm mating pin height, gold (hi-temp mould), 16-way 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 7mm mating pin height, gold (hi-temp mould), 26-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 11-way 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 7mm mating pin height, gold (hi-temp mould), 20-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 20-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 7mm mating pin height, gold (hi-temp mould), 23-way 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Horizontal PC Tail Pin Header, 7mm mating pin height, tin, 4-way
|
Harwin PLC Kroy, LLC HARWIN INC
|
DF9-15S-1V32 DF9-31S-1V32 DF9B-31S-1V32 |
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1) 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Hirose Electric
|
M80-8520445 |
Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 4-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-8770222 |
Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
SNL310 |
Datamate L-Tek SIL Male Vertical 4.5mm PC Tail Connector, unlatcheds, gold, 3-way
|
SONIX Technology Co., Ltd.
|
MAX16073 MAX16074 |
uP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
|
Maxim Integrated Products
|
M80-8991701 M80-8990701 M80-8990705 |
Datamate L-Tek SIL Female Large Bore Crimp Connector, gold clip tin shell, 17-way 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate L-Tek SIL Female Large Bore Crimp Connector, gold clip tin shell, 7-way 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate L-Tek SIL Female Large Bore Crimp Connector, gold clip gold shell, 7-way 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
SIL12-1A72-74L SIL12-1A72-74LDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
SIL12-1A75-71D SIL12-1A75-71DDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
|