PART |
Description |
Maker |
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
HMS81C4308 |
ROM/RAM size: 8 K/256 bytes, 4.5-5.5 V , 4-8 MHz,8-bit single-chip microcontroller
|
Hynix Semiconductor
|
GMS97L1051 GMS97L1051-D GMS97C1051 GMS97C1051-24 G |
ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 12 MHz, 8-bit microcontroller ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 24 MHz, 8-bit microcontroller 8-Bit CMOS Microcontorller
|
Hynix Semiconductor N.A.
|
ST72251G2B1 ST72251G1B6 ST72251G2M1 |
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WGD, SPI, I2C AND 2 TIMERS
|
ST Microelectronics
|
U83930HD U83930HE |
Universal serial bus hub peripheral controller. ROM size 8 Kbytes, RAM size 1024 bytes, 12-MHz crystal operation Universal serial bus hub peripheral controller. ROM size 16 Kbytes, RAM size 1024 bytes, 12-MHz crystal operation
|
Intel
|
LC863364A LC863348A |
8-Bit Single-Chip Microcontroller with On-Chip 64K Bytes ROM and 640 Bytes RAM(8浣????井?у????甯??涓?4K瀛??ROM??40瀛??RAM锛? 8-Bit Single-Chip Microcontroller with On-Chip 48K Bytes ROM and 640 Bytes RAM(8浣????井?у????甯??涓?8K瀛??ROM??40瀛??RAM锛?
|
Sanyo Electric Co.,Ltd.
|
SST30VR041 SST30VR041-150-C-U1 SST30VR041-500-C-WH |
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo 4兆位光盘1兆位/ 256千位的SRAM ROM / RAM内存组合
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc. SST[Silicon Storage Technology, Inc]
|
MC68HRC705J1AC MC68HRC705J1ADW MC68HRC705J1ACDW MC |
High-performance 8-bit microcontroller, 1240-bytes ROM, 64-bytes RAM MC68HC705J1A, MC68HRC705J1A, MC68HSC705J1A, MC68HSR705J1A HCMOS Microcontroller Units Technical Data
|
Motorola
|
L9805 |
SUPER SMART POWER MOTOR DRIVER WITH 8-BIT MCU, CAN INTERFACE, 16 K EPROM, 256 BYTES RAM, 128 BYTES EEPROM, 10 BIT ADC, WDG, 2 TIMERS
|
ST Microelectronics
|
LC86104A |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104A
|
SANYO
|