PART |
Description |
Maker |
HFM101-S |
Chip High Effciency Rectifiers
|
Formosa MS
|
HFM101-MS |
SMD High Effciency Rectifiers
|
Formosa MS
|
EF10A10 EF10A20 |
Effciency Fast Rectifiers
|
Formosa MS
|
EF1040FCT EF1010FCT EF1020FCT EF1060FCT |
10.0A GLASS PASSIVATED EFFCIENCY FAST RECTIFIERS-50-600V
|
Frontier Electronics.
|
BD8305MUV-E2 BD8305MUV |
High-effciency Step-up/down Switching Regulators with Built-in Power MOSFET
|
Rohm
|
TPC8A07-H |
HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
|
Toshiba Semiconductor
|
UF3A-UF3M HS3A-HS3M UF3A |
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS Glass High Efficiency Rectifiers Glass Ultrafast Recovery Rectifiers
|
HY ELECTRONIC CORP.
|
1N4007G 1N4004G 1N4001G 1N4002G 1N4002 1N4006 1N40 |
Rectifiers(整流 1 A, 1000 V, SILICON, SIGNAL DIODE (1N4001G - 1N4007G) Rectifiers(Rugged glass package / using a high temperature alloyed construction) IC REG VOLT 4.8V 240MA SOT-23 Rectifiers(Rugged glass package/ using a high temperature alloyed construction) Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 50 V, SILICON, SIGNAL DIODE Rectifiers(Rugged glass package, using a high temperature alloyed construction) 整流器(坚固的玻璃封装,采用高温合金建设 Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 400 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] http:// NXP Semiconductors N.V.
|
HS15 HS13 HS11 HS14 HS12 |
Low Power Loss, High efficiency HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(1.0A/50-400V)
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|